Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A2033PDBVR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A2033PDBVR
Description  TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A2033PDBVR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS7A2033PDBVR Datasheet HTML 12Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 13Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 14Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 15Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 16Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 17Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 18Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 19Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Rated output
current
Output current limited by
dropout
Output current limited by thermals
Limited by
minimum VIN
Limited by
maximum VIN
VIN ± VOUT (V)
16
TPS7A20
SBVS338A – MARCH 2020 – REVISED MARCH 2020
www.ti.com
Product Folder Links: TPS7A20
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Application Information (continued)
Figure 6 shows the recommended area of operation for this device on a JEDEC-standard high-K board with a
RθJA as given in the Thermal Information table.
Figure 6. Region Description of Continuous Operation Regime
The TPS7A20 is designed to meet the requirements of RF and analog circuits, by providing low noise, high
PSRR, low quiescent current, and low line or load transient response figures. The device offers excellent noise
performance without the need for a noise bypass capacitor and is stable with input and output capacitors with a
value of 1 µF. The TPS7A20 delivers this performance in industry-standard packages such as DSBGA, X2SON,
and SOT-23 which, for this device, are specified with an operating junction temperature (TJ) of –40°C to +125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com