Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A2033PDBVR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A2033PDBVR
Description  TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A2033PDBVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS7A2033PDBVR Datasheet HTML 13Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 14Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 15Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 16Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 17Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 18Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 19Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 20Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
TPS7A20
VIN
VEN
GND
VOUT
OUTPUT
1.0 µF
INPUT
ENABLE
GND
SVA-30180501
1.0 µF
17
TPS7A20
www.ti.com
SBVS338A – MARCH 2020 – REVISED MARCH 2020
Product Folder Links: TPS7A20
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8.2 Typical Application
Figure 7 shows the typical application circuit for the TPS7A20. Input and output capacitances may need to be
increased above the 1 µF minimum for some applications.
Figure 7. TPS7A20 Typical Application
8.2.1 Design Requirements
Table 2 summaries the design requirements for Figure 7.
Table 2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
3.1 V to 6.0 V
Output voltage
2.8 V
Output current
200 mA
Output capacitor range
0.7 µF to 10 µF
Output capacitor ESR range
5 mΩ to 80 mΩ
8.2.2 Detailed Design Procedure
The TPS7A20 is designed to meet the requirements of RF and analog circuits, by providing low noise, high
PSRR, low quiescent current, and low line or load transient response figures. The device offers excellent noise
performance without the need for a noise bypass capacitor and is stable with input and output capacitors with a
value of 1 µF. The TPS7A20 delivers this performance in industry standard packages such as DSBGA, X2SON,
and SOT-23 which, for this device, are specified with an operating junction temperature (TJ) of –40°C to 125°C.
9 Power Supply Recommendations
This device is designed to operate from an input supply voltage range of 1.6 V to 6.0 V. The input supply must
be well regulated and free of spurious noise. To ensure that the output voltage is well regulated and dynamic
performance is optimum, the input supply must be at least VOUT(nom) + 0.3 V or 1.6 V, whichever is greater. TI
highly recommends using a 1-µF or greater input capacitor to reduce the impedance of the input supply,
especially during transients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com