Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A2033PDBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A2033PDBVR
Description  TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A2033PDBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS7A2033PDBVR Datasheet HTML 6Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 7Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 8Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 9Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 10Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 11Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 12Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 13Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
R
=
DS(ON)
V
DO
I
RATED
10
TPS7A20
SBVS338A – MARCH 2020 – REVISED MARCH 2020
www.ti.com
Product Folder Links: TPS7A20
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Low Output Noise
Any internal noise at the TPS7A20 reference voltage is reduced by a first-order, low-pass RC filter before being
passed to the output buffer stage. The low-pass RC filter has a –3-dB cut-off frequency of approximately 0.1 Hz.
7.3.2 Smart Enable
The enable pin for the device is an active-high pin. The output voltage is enabled when the voltage of the enable
pin is greater than the high-level input voltage of the EN pin and disabled with the enable pin voltage is less than
the low-level input voltage of the EN pin. If independent control of the output voltage is not needed, connect the
enable pin to the input of the device.
This device has a smart enable circuit to reduce quiescent current. When the voltage on the enable pin is driven
above VEN(HI), as listed in the Electrical Characteristics table, the device is enabled and the smart enable internal
pulldown resistor (REN(PULLDOWN)) is disconnected. When the enable pin is floating, the REN(PULLDOWN) is
connected and pulls the enable pin low to disable the device. The REN(PULLDOWN) value is listed in the Electrical
Characteristics table.
This device has an internal pulldown circuit that activates when the device is disabled to actively discharge the
output voltage.
7.3.3 Dropout Voltage
Dropout voltage (VDO) is defined as the input voltage minus the output voltage (VIN – VOUT) at the rated output
current (IRATED), where the pass transistor is fully on. IRATED is the maximum IOUT listed in the Recommended
Operating Conditions table. The pass transistor is in the ohmic or triode region of operation, and acts as a switch.
The dropout voltage indirectly specifies a minimum input voltage greater than the nominal programmed output
voltage at which the output voltage is expected to stay in regulation. If the input voltage falls to less than the
nominal output regulation, then the output voltage falls as well.
For a CMOS regulator, the dropout voltage is determined by the drain-source on-state resistance (RDS(ON)) of the
pass transistor. Therefore, if the linear regulator operates at less than the rated current, the dropout voltage for
that current scales accordingly. Use Equation 1 to calculate the RDS(ON) of the device.
(1)
7.3.4 Foldback Current Limit
The device has an internal current limit circuit that protects the regulator during transient high-load current faults
or shorting events. The current limit is a hybrid brickwall-foldback scheme. The current limit transitions from a
brickwall scheme to a foldback scheme at the foldback voltage (VFOLDBACK). In a high-load current fault with the
output voltage above VFOLDBACK, the brickwall scheme limits the output current to the current limit (ICL). When the
voltage drops below VFOLDBACK, a foldback current limit activates that scales back the current as the output
voltage approaches GND. When the output is shorted, the device supplies a typical current called the short-
circuit current limit (ISC). ICL and ISC are listed in the Electrical Characteristics table.
The output voltage is not regulated when the device is in current limit. When a current limit event occurs, the
device begins to heat up because of the increase in power dissipation. When the device is in brickwall current
limit, the pass transistor dissipates power [(VIN – VOUT) × ICL]. When the device output is shorted and the output
is below VFOLDBACK, the pass transistor dissipates power [(VIN – VOUT) × ISC]. If thermal shutdown is triggered, the
device turns off. After the device cools down, the internal thermal shutdown circuit turns the device back on. If
the output current fault condition continues, the device cycles between current limit and thermal shutdown. For
more information on current limits, see the Know Your Limits application report.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com