Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A2033PDBVR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A2033PDBVR
Description  TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A2033PDBVR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS7A2033PDBVR Datasheet HTML 8Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 9Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 10Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 11Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 12Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 13Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 14Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 15Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
TPS7A20
SBVS338A – MARCH 2020 – REVISED MARCH 2020
www.ti.com
Product Folder Links: TPS7A20
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
Do not rely on the active discharge circuit for discharging a large amount of output capacitance after the input
supply has collapsed because reverse current can possibly flow from the output to the input. This reverse current
flow can cause damage to the device. Limit reverse current to no more than 5% of the device rated current for a
short period of time.
7.4 Device Functional Modes
7.4.1 Device Functional Mode Comparison
The Device Functional Mode Comparison table shows the conditions that lead to the different modes of
operation. See the Electrical Characteristics table for parameter values.
Table 1. Device Functional Mode Comparison
OPERATING MODE
PARAMETER
VIN
VEN
IOUT
TJ
Normal operation
VIN > VOUT(nom) + VDO and VIN > VIN(min)
VEN > VEN(HI)
IOUT < IOUT(max)
TJ < TSD(shutdown)
Dropout operation
VIN(min) < VIN < VOUT(nom) + VDO
VEN > VEN(HI)
IOUT < IOUT(max)
TJ < TSD(shutdown)
Disabled
(any true condition
disables the device)
VIN < VUVLO
VEN < VEN(LOW)
Not applicable
TJ > TSD(shutdown)
7.4.2 Normal Operation
The device regulates to the nominal output voltage when the following conditions are met:
•
The input voltage is greater than the nominal output voltage plus the dropout voltage (VOUT(nom) + VDO)
•
The output current is less than the current limit (IOUT < ICL)
•
The device junction temperature is less than the thermal shutdown temperature (TJ < TSD)
•
The enable voltage has previously exceeded the enable rising threshold voltage and has not yet decreased to
less than the enable falling threshold
7.4.3 Dropout Operation
If the input voltage is lower than the nominal output voltage plus the specified dropout voltage, but all other
conditions are met for normal operation, the device operates in dropout mode. In this mode, the output voltage
tracks the input voltage. During this mode, the transient performance of the device becomes significantly
degraded because the pass transistor is in the ohmic or triode region, and acts as a switch. Line or load
transients in dropout can result in large output-voltage deviations.
When the device is in a steady dropout state (defined as when the device is in dropout, VIN < VOUT(NOM) + VDO,
directly after being in a normal regulation state, but not during startup), the pass transistor is driven into the
ohmic or triode region. When the input voltage returns to a value greater than or equal to the nominal output
voltage plus the dropout voltage (VOUT(NOM) + VDO), the output voltage can overshoot for a short period of time
while the device pulls the pass transistor back into the linear region.
7.4.4 Disabled
The output of the device can be shutdown by forcing the voltage of the enable pin to less than the maximum EN
pin low-level input voltage (see the Electrical Characteristics table). When disabled, the pass transistor is turned
off, internal circuits are shutdown, and the output voltage is actively discharged to ground by an internal
discharge circuit from the output to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com