Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A2033PDBVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A2033PDBVR
Description  TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A2033PDBVR Datasheet(HTML) 5 Page - Texas Instruments

  TPS7A2033PDBVR Datasheet HTML 1Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 2Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 3Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 4Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 5Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 6Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 7Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 8Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
TPS7A20
www.ti.com
SBVS338A – MARCH 2020 – REVISED MARCH 2020
Product Folder Links: TPS7A20
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Theseare stress ratings
only, and functional operation of the device at these or any other conditionsbeyond those indicated underRecommended Operating
Conditionsis not implied. Exposure to absolute-maximum-rated conditions forextended periods may affect device reliability.
(2)
Maximum is VIN + 0.3 V, or 6.0 V, whichever is smaller
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
VIN
–0.3
6.5
V
VOUT
–0.3
VIN + 0.3 or
6.0V(2)
VEN
–0.3
6.5
Current
Maximum output current
Internally limited
A
Temperatu
re
Operating junction temperature, TJ
-40
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safemanufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safemanufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±750
(1)
Effective output capacitance of 0.5 µF minimum is required for stability
(2)
200 µF is the maximum derated capacitance that can be used for stability
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input supply voltage
1.6
6.0
V
VEN
Enable input voltage
0
6.0
V
VOUT
Output voltage
0.8
5.5
V
IOUT
Output current
0
300
mA
CIN
Input capacitor
1
µF
COUT
Output capacitor(1) (2)
1
200
µF
ESR
Output Capacitor
80
m
Ω
TJ
Operating junction temperature
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com