Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A2033PDBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A2033PDBVR
Description  TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A2033PDBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS7A2033PDBVR Datasheet HTML 3Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 4Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 5Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 6Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 7Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 8Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 9Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 10Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
TPS7A20
www.ti.com
SBVS338A – MARCH 2020 – REVISED MARCH 2020
Product Folder Links: TPS7A20
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
at operating temperature range (TJ = –40℃ to +125℃), VIN = VOUT(NOM) + 0.3 V or 1.6V, whichever is greater, VEN = 1.0 V,
IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF (unless otherwise noted); all typical values are at TJ = 25℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TSD
Thermal shutdown rising
TJ rising
165
°C
Thermal shutdown falling
TJ falling
140
VEN(LOW)
EN pin logic low threshold
VIN = 1.6 V to 6.0 V,
VEN falling until the output is disabled
0.25
V
VEN(HI)
EN pin logic high threshold
VIN = 1.6 V to 6.0 V
VEN rising until the output is enabled
0.92
V
VUVLO
UVLO threshold
VIN rising
1.21
1.35
1.55
V
VIN falling
1.17
1.3
1.5
V
VUVLO(HYST
)
UVLO hysteresis
50
mV
IEN
EN Pin leakage current
VEN = 6.0 V and VIN = 6.0 V
120
250
nA
REN(PULL-
DOWN)
Smart enable pulldown resistor
VEN = 0.25 V
500
K
Ω
6.6 Switching Characteristics
at operating temperature range (TJ = –40℃ to +125℃), VIN = VOUT(NOM) + 0.3 V or 1.6V, whichever is greater, VEN = 1.0 V,
IOUT = 1 mA, CIN= 1 µF, COUT = 1 µF (unless otherwise noted); all typical values are at TJ = 25℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tON
Turnon time
From VEN > VIH to VOUT = 95% of VOUT(NOM),
750
1500
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com