Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A2033PDBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A2033PDBVR
Description  TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A2033PDBVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS7A2033PDBVR Datasheet HTML 1Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 2Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 3Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 4Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 5Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 6Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 7Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 8Page - Texas Instruments TPS7A2033PDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1
IN
2
GND
3
EN
4
N/C
5
OUT
Not to scale
1
OUT
2
GND
5
Thermal Pad
3
EN
4
IN
Not to scale
4
TPS7A20
SBVS338A – MARCH 2020 – REVISED MARCH 2020
www.ti.com
Product Folder Links: TPS7A20
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
DQN Package
4-Pin X2SON
Top View
DBV Package (Preview)
5-Pin SOT-23
Top View
Pin Functions: X2SON, SOT-23
PIN
I/O
DESCRIPTION
NAME
X2SON
SOT-23
IN
4
1
I
Input voltage supply. For best transient response and to minimize input
impedance, use the recommended value or larger capacitor from IN to ground as
listed in the Recommended Operating Conditions table. Place the input capacitor
as close to the IN and GND pins of the device as possible.
OUT
1
5
O
Regulated output voltage. A minimum 1-µF low ESR capacitor is required from
OUT to ground for stability. For best transient response, use the nominal
recommended value or larger capacitor from OUT to ground. Follow the
recommended capacitor value as listed in the Recommended Operating
Conditions table. Place the output capacitor as close to the OUT and GND pins of
the device as possible. An internal 150-Ω (typical) pulldown resistor prevents a
charge from remaining on VOUT when the regulator is in shutdown mode (VEN <
VIL).
EN
3
3
I
Enable input. A low voltage (< VIL) on this pin turns the regulator off and
discharges the output pin to GND. A high voltage (> VIH) on this pin enables the
regulator output. This pin has an internal 500-kΩ pulldown resistor to hold the
regulator off by default.
GND
2
2
—
Common ground.
N/C
—
4
—
No internal electrical connection.
Thermal Pad
5
—
—
Thermal pad for the X2SON package. Connect this pad to GND or leave floating.
Do not connect to any potential other than GND. Connect the thermal pad to a
large-area ground plane for best thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com