Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L24 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 48Page - Cirrus Logic CS47L24 Datasheet HTML 49Page - Cirrus Logic CS47L24 Datasheet HTML 50Page - Cirrus Logic CS47L24 Datasheet HTML 51Page - Cirrus Logic CS47L24 Datasheet HTML 52Page - Cirrus Logic CS47L24 Datasheet HTML 53Page - Cirrus Logic CS47L24 Datasheet HTML 54Page - Cirrus Logic CS47L24 Datasheet HTML 55Page - Cirrus Logic CS47L24 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 256 page
background image
CS47L24
52
Rev 4.1
5-BAND PARAMETRIC EQUALISER (EQ)
The digital core provides two EQ processing blocks as illustrated in Figure 17. A 4-input mixer is associated with each
EQ. The 4 input sources are selectable in each case, and independent volume control is provided for each path. Each
EQ block supports 1 output.
The EQ provides selective control of 5 frequency bands as described below.
The low frequency band (Band 1) filter can be configured either as a peak filter or a shelving filter. When configured as a
shelving filter, it provides adjustable gain below the Band 1 cut-off frequency. As a peak filter, it provides adjustable gain
within a defined frequency band that is centred on the Band 1 frequency.
The mid frequency bands (Band 2, Band 3, Band 4) filters are peak filters, which provide adjustable gain around the
respective centre frequency.
The high frequency band (Band 5) filter is a shelving filter, which provides adjustable gain above the Band 5 cut-off
frequency.
EQnMIX_VOL2
EQnMIX_VOL3
EQnMIX_VOL4
+
EQnMIX_VOL1
EQnMIX_SRC1
EQnMIX_SRC3
EQnMIX_SRC4
EQnMIX_SRC2
EQ1 (50h)
EQ2 (51h)
EQ
5-band Equaliser
CS47L24 supports 2 EQ blocks, ie. n = 1 or 2
Figure 17 Digital Core EQ Blocks
The EQ1 and EQ2 mixer control registers (see Figure 17) are located at register addresses R2176 (880h) through to
R2191 (88Eh).
The full list of digital mixer control registers is provided in the “Register Map” section (Register R1600 through to R3000).
Generic register definitions are provided in Table 7.
The *_SRCn registers select the input source(s) for the respective EQ processing blocks. Note that the selected input
source(s) must be configured for the same sample rate as the EQ to which they are connected. Sample rate conversion
functions are available to support flexible interconnectivity -
see “Asynchronous Sample Rate Converter (ASRC)” and
“Isochronous Sample Rate Converter (ISRC)”.
The bracketed numbers in Figure 17,
e.g.,”(50h)” indicate the corresponding *_SRCn register setting for selection of that
signal as an input to another digital core function.
The sample rate for the EQ function is configured using the FX_RATE register - see Table 21. Note that the EQ, DRC
and LHPF functions must all be configured for the same sample rate.
The EQ function supports audio sample rates in the range 8kHz to 192kHz. When the DRC is enabled, the maximum
sample rate for the EQ, DRC and LHPF functions is 96kHz.
Sample rate conversion is required when routing the EQ signal paths to any signal chain that is asynchronous and/or
configured for a different sample rate.
The control registers associated with the EQ functions are described in Table 9.
The cut-off or centre frequencies for the 5-band EQ are set using the coefficients held in the registers identified in Table 8.
These coefficients are derived using tools provided in Cirrus Logic
’s WISCE™ evaluation board control software; please
contact your local Cirrus Logic representative for more details.
EQ
REGISTER ADDRESSES
EQ1
R3602 (0E10h) to R3620 (0E24h)
EQ2
R3624 (0E28h) to R3642 (0E3Ah)
Table 8 EQ Coefficient Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com