Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L24 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 3Page - Cirrus Logic CS47L24 Datasheet HTML 4Page - Cirrus Logic CS47L24 Datasheet HTML 5Page - Cirrus Logic CS47L24 Datasheet HTML 6Page - Cirrus Logic CS47L24 Datasheet HTML 7Page - Cirrus Logic CS47L24 Datasheet HTML 8Page - Cirrus Logic CS47L24 Datasheet HTML 9Page - Cirrus Logic CS47L24 Datasheet HTML 10Page - Cirrus Logic CS47L24 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 256 page
background image
CS47L24
Rev 4.1
7
PIN DESCRIPTION
A description of each pin on the CS47L24 is provided below.
Note that a table detailing the associated power domain for every input and output pin is provided on the following page.
Note that, where multiple pins share a common name, these pins should be tied together on the PCB.
All Digital Output pins are CMOS outputs, unless otherwise stated.
PIN NO
NAME
TYPE
DESCRIPTION
G2
AGND
Supply
Analogue ground (Return path for AVDD and MICVDD)
M7
AIF1BCLK
Digital Input / Output
Audio interface 1 bit clock
N8
AIF1LRCLK
Digital Input / Output
Audio interface 1 left / right clock
L8
AIF1RXDAT
Digital Input
Audio interface 1 RX digital audio data
K7
AIF1TXDAT
Digital Output
Audio interface 1 TX digital audio data
L4
AIF2BCLK
Digital Input / Output
Audio interface 2 bit clock
N4
AIF2LRCLK
Digital Input / Output
Audio interface 2 left / right clock
P3
AIF2RXDAT
Digital Input
Audio interface 2 RX digital audio data
M5
AIF2TXDAT
Digital Output
Audio interface 2 TX digital audio data
M1
AIF3BCLK
Digital Input / Output
Audio interface 3 bit clock
N2
AIF3LRCLK
Digital Input / Output
Audio interface 3 left / right clock
M3
AIF3RXDAT
Digital Input
Audio interface 3 RX digital audio data
L2
AIF3TXDAT
Digital Output
Audio interface 3 TX digital audio data
F1
AVDD
Supply
Analogue supply
J4
CIFMISO
Digital Output
Control interface Master In Slave Out.
The pin configuration is selectable CMOS or ‘Wired OR’.
N6
CIFMOSI
Digital Input
Control interface Master Out Slave In data.
L6
CIFSCLK
Digital Input
Control interface clock input
K5
CIFSS
¯¯¯¯¯
Digital Input
Control interface Slave Select (SS)
F7
CPC1A
Analogue Output
Charge pump fly-back capacitor 1 pin
F5
CPC1B
Analogue Output
Charge pump fly-back capacitor 1 pin
C6
CPC2A
Analogue Output
Charge pump fly-back capacitor 2 pin
D3
CPC2B
Analogue Output
Charge pump fly-back capacitor 2 pin
B5
CPGND
Supply
Charge pump ground (Return path for CPVDD)
A6, E6
CPVDD
Supply
Supply for Charge Pump
E4
CPVOUT1N
Analogue Output
Charge pump negative output 1 decoupling pin
D5
CPVOUT1P
Analogue Output
Charge pump positive output 1 decoupling pin
A4
CPVOUT2N
Analogue Output
Charge pump negative output 2 decoupling pin
C4
CPVOUT2P
Analogue Output
Charge pump positive output 2 decoupling pin
P9
DBVDD
Supply
Digital buffer (I/O) supply
P7
DCVDD
Supply
Digital core supply
M9, P1
DGND
Supply
Digital ground (Return path for DCVDD and DBVDD)
H5
DMICCLK1
Digital Output
Digital MIC clock output 1
F3
DMICCLK2
Digital Output
Digital MIC clock output 2
G4
DMICDAT1
Digital Input
Digital MIC data input 1
H3
DMICDAT2
Digital Input
Digital MIC data input 2
F9
GPIO1
Digital Input / Output
General Purpose pin GPIO1.
The output configuration is selectable CMOS or Open Drain.
H9
GPIO2
Digital Input / Output
General Purpose pin GPIO2.
The output configuration is selectable CMOS or Open Drain.
C2
HPOUTFB
Analogue Input
HPOUTL and HPOUTR ground feedback pin
A2
HPOUTL
Analogue Output
Left headphone output
B3
HPOUTR
Analogue Output
Right headphone output
J8
IRQ
¯¯¯
Digital Output
Interrupt Request (IRQ) output (default is active low).
The pin configuration is selectable CMOS or Open Drain.
P5
MCLK1
Digital Input
Master clock 1
K9
MCLK2
Digital Input
Master clock 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com