Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L24 Datasheet(PDF) 69 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 65Page - Cirrus Logic CS47L24 Datasheet HTML 66Page - Cirrus Logic CS47L24 Datasheet HTML 67Page - Cirrus Logic CS47L24 Datasheet HTML 68Page - Cirrus Logic CS47L24 Datasheet HTML 69Page - Cirrus Logic CS47L24 Datasheet HTML 70Page - Cirrus Logic CS47L24 Datasheet HTML 71Page - Cirrus Logic CS47L24 Datasheet HTML 72Page - Cirrus Logic CS47L24 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 256 page
background image
CS47L24
Rev 4.1
69
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3585
(0E01h)
FX_Ctrl2
15:4
FX_STS [11:0]
00h
LHPF, DRC, EQ Enable Status
Indicates the status of each of the
respective signal processing functions.
[11] = Reserved
[10] = Reserved
[9] = EQ2
[8] = EQ1
[7] = DRC2 (Right)
[6] = DRC2 (Left)
[5] = DRC1 (Right)
[4] = DRC1 (Left)
[3] = LHPF4
[2] = LHPF3
[1] = LHPF2
[0] = LHPF1
Each bit is coded as:
0 = Disabled
1 = Enabled
R3776
(0EC0h)
HPLPF1_
1
1
LHPF1_MODE
0
Low/High Pass Filter 1 Mode
0 = Low-Pass
1 = High-Pass
0
LHPF1_ENA
0
Low/High Pass Filter 1 Enable
0 = Disabled
1 = Enabled
R3777
(0EC1h)
HPLPF1_
2
15:0
LHPF1_COEFF
[15:0]
0000h
Low/High Pass Filter 1 Frequency
Coefficient
Refer to WISCE evaluation board control
software for the deriviation of this field
value.
R3780
(0EC4h)
HPLPF2_
1
1
LHPF2_MODE
0
Low/High Pass Filter 2 Mode
0 = Low-Pass
1 = High-Pass
0
LHPF2_ENA
0
Low/High Pass Filter 2 Enable
0 = Disabled
1 = Enabled
R3781
(0EC5h)
HPLPF2_
2
15:0
LHPF2_COEFF
[15:0]
0000h
Low/High Pass Filter 2 Frequency
Coefficient
Refer to WISCE evaluation board control
software for the deriviation of this field
value.
R3784
(0EC8h)
HPLPF3_
1
1
LHPF3_MODE
0
Low/High Pass Filter 3 Mode
0 = Low-Pass
1 = High-Pass
0
LHPF3_ENA
0
Low/High Pass Filter 3 Enable
0 = Disabled
1 = Enabled
R3785
(0EC9h)
HPLPF3_
2
15:0
LHPF3_COEFF
[15:0]
0000h
Low/High Pass Filter 3 Frequency
Coefficient
Refer to WISCE evaluation board control
software for the deriviation of this field
value.
R3788
(0ECCh)
HPLPF4_
1
1
LHPF4_MODE
0
Low/High Pass Filter 4 Mode
0 = Low-Pass
1 = High-Pass
0
LHPF4_ENA
0
Low/High Pass Filter 4 Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com