Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L24 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 26Page - Cirrus Logic CS47L24 Datasheet HTML 27Page - Cirrus Logic CS47L24 Datasheet HTML 28Page - Cirrus Logic CS47L24 Datasheet HTML 29Page - Cirrus Logic CS47L24 Datasheet HTML 30Page - Cirrus Logic CS47L24 Datasheet HTML 31Page - Cirrus Logic CS47L24 Datasheet HTML 32Page - Cirrus Logic CS47L24 Datasheet HTML 33Page - Cirrus Logic CS47L24 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 256 page
background image
CS47L24
30
Rev 4.1
DEVICE DESCRIPTION
INTRODUCTION
The CS47L24 is a highly integrated low-power audio hub for wearable technology and other portable devices. It provides
flexible, high-performance audio interfacing for handheld devices in a small and cost-effective package. It provides
exceptional levels of performance and signal processing capability, suitable for a wide variety of mobile and handheld
devices.
The CS47L24 digital core provides an extensive programmable capability for signal processing algorithms. Cirrus Logic®
Enhanced DRE processing (eDRE) software is included with the CS47L24; additional functions such as multi-mic noise
suppression, acoustic echo cancellation (AEC), and voice recognition are also possible. A number of fixed-function
processing capabilities are incorporated, enabling low/high pass filtering, parametric equalisation (EQ), and dynamic
range control (DRC). Highly flexible digital mixing, including stereo full-duplex asynchronous sample rate conversion,
provides use-case flexibility across a broad range of system architectures. A signal generator for controlling haptics vibe
actuators is included.
The CS47L24 provides multiple digital audio interfaces, in order to provide independent and fully asynchronous
connections to different processors (e.g., application processor, baseband processor and wireless transceiver).
A flexible clocking arrangement supports a wide variety of external clock references, including clocking derived from the
digital audio interface. Two integrated Frequency Locked Loop (FLL) circuits provide additional flexibility.
Unused circuitry can be disabled under software control, in order to save power; low leakage currents enable extended
standby/off time in portable battery-powered applications.
Comprehensive Interrupt (IRQ) logic and status readback are provided. Versatile input/output functionality on two GPIO
pins is also provided.
HI-FI AUDIO CODEC
The CS47L24 is a high-performance low-power audio CODEC with a predominantly digital architecture. The audio
CODEC is controlled directly via register access over an SPI control interface. The simple analogue architecture,
combined with the integrated tone generator, enables simple device configuration and testing, minimising debug time and
reducing software effort.
Two stereo microphone interfaces are provided, supporting up to four channels of digital microphone input. Interface
clocking rates of 768kHz up to 3.072MHz support a wide range of low power vs. high performance operating
requirements. The MICBIAS circuits can provide regulation of the digital microhone power rails; they can also be used as
switches, enabling power gating of the external microphones.
The CS47L24 incorporates three DACs, providing a dedicated DAC for each analogue output channel. All of the mixing,
equalisation, filtering, gain and other audio processing options can be configured independently for each channel; this
allows each signal path to be individually tailored for the load characteristics and application requirements.
The analogue outputs comprise a 33mW (121dB SNR) stereo headphone amplifier with ground-referenced output, and a
mono Class D speaker driver capable of delivering 2W into a 4
Ω load. All outputs have integrated pop and click
suppression features.
The headphone output drivers are powered from an integrated charge pump. The ground-referenced outputs deliver high
quality, power efficient headphone playback, without any requirement for DC blocking capacitors. Ground loop feedback
is incorporated, providing rejection of noise on the ground connections. A mono mode is available on the headphone
outputs; this configures the drivers as differential (BTL) outputs, suitable for an earpiece or hearing aid coil.
The Class D speaker driver delivers excellent power efficiency. High PSRR, low leakage and optimised supply voltage
ranges enable powering from switching regulators or directly from the battery. Battery current consumption is minimised
across a wide variety of voice communication and multimedia playback use cases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com