Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L24 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 24Page - Cirrus Logic CS47L24 Datasheet HTML 25Page - Cirrus Logic CS47L24 Datasheet HTML 26Page - Cirrus Logic CS47L24 Datasheet HTML 27Page - Cirrus Logic CS47L24 Datasheet HTML 28Page - Cirrus Logic CS47L24 Datasheet HTML 29Page - Cirrus Logic CS47L24 Datasheet HTML 30Page - Cirrus Logic CS47L24 Datasheet HTML 31Page - Cirrus Logic CS47L24 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 256 page
background image
CS47L24
28
Rev 4.1
CONTROL INTERFACE TIMING
SS
(input)
SCLK
(input)
MOSI
(input)
tSSU
tSCH
tSCL
tSCY
tDHO
tDSU
tSHO
Figure 6 Control Interface Timing - 4-wire (SPI) Control Mode (Write Cycle)
SCLK
(input)
MISO
(output)
tDL
SS
(input)
Figure 7 Control Interface Timing - 4-wire (SPI) Control Mode (Read Cycle)
Test Conditions
The following timing information is valid across the full range of recommended operating conditions, unless otherwise noted.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
SS
¯¯ falling edge to SCLK rising edge
tSSU
2.6
ns
SCLK falling edge to SS
¯¯ rising edge
tSHO
0
ns
SCLK pulse cycle time
SYSCLK disabled
(SYSCLK_ENA=0)
tSCY
38.4
ns
SYSCLK_ENA=1 and
SYSCLK_FREQ = 000
76.8
SYSCLK_ENA=1 and
SYSCLK_FREQ > 000
38.4
SCLK pulse width low
tSCL
15.3
ns
SCLK pulse width high
tSCH
15.3
ns
MOSI to SCLK set-up time
tDSU
1.5
ns
MOSI to SCLK hold time
tDHO
1.7
ns
SCLK falling edge to
MISO transition
SCLK slew (90% to 10%) = 5ns,
CLOAD (MISO) = 25pF
tDL
0
11.9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com