Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32K112BHTXMLQTR Datasheet(PDF) 13 Page - NXP Semiconductors

Part # FS32K112BHTXMLQTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BHTXMLQTR Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button FS32K112BHTXMLQTR Datasheet HTML 9Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 10Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 11Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 12Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 13Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 14Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 15Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 16Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
Table 4. Voltage and current operating requirements for S32K14xW series 1
Symbol
Description
Min.
Max.
Unit
Notes
VDD2
Supply voltage
3.13
5.5
V
3
VDD_OFF
Voltage allowed to be developed on VDD
pin when it is not powered from any
external power supply source.
0
0.1
V
VDDA
Analog supply voltage
3.13
5.5
V
3
VDD – VDDA
VDD-to-VDDA differential voltage
– 0.1
0.1
V
3
VREFH
ADC reference voltage high
3.13
VDDA + 0.1
V
4
VREFL
ADC reference voltage low
-0.1
0.1
V
VODPU
Open drain pullup voltage level
VDD
VDD
V
5
IINJPAD_DC_OP6
Continuous DC input current (positive /
negative) that can be injected into an I/O
pin
-3
+3
mA
IINJSUM_DC_OP
Continuous total DC input current that can
be injected across all I/O pins such that
there's no degradation in accuracy of
analog modules: ADC and ACMP (See
section Analog Modules)
—
30
mA
1. Typical conditions assumes VDD = VDDA = VREFH = 5 V, temperature = 25 °C and typical silicon process unless otherwise
stated.
2. As VDD varies between the minimum value and the absolute maximum value the analog characteristics of the I/O and the
ADC will both change. See section I/O parameters and ADC electrical specifications respectively for details.
3. VDD and VDDA must be shorted to a common source on PCB. The differential voltage between VDD and VDDA is for RF-AC
only. Appropriate decoupling capacitors to be used to filter noise on the supplies. See application note AN5032 for
reference supply design for SAR ADC.
4. VREFH should always be equal to or less than VDDA + 0.1 V and VDD + 0.1 V
5. Open drain outputs must be pulled to VDD.
6. When input pad voltage levels are close to VDD or VSS, practically no current injection is possible.
4.3 Thermal operating characteristics
Table 5. Thermal operating characteristics for S32K1xx series
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
TA C-Grade Part
Ambient temperature under bias
−40
—
851
℃
TJ C-Grade Part
Junction temperature under bias
−40
—
1051
℃
TA V-Grade Part
Ambient temperature under bias
−40
—
1051
℃
TJ V-Grade Part
Junction temperature under bias
−40
—
1251
℃
TA M-Grade Part
Ambient temperature under bias
−40
—
1252
℃
TJ M-Grade Part
Junction temperature under bias
−40
—
1352
℃
1. Values mentioned are measured at ≤ 112 MHz in HSRUN mode.
2. Values mentioned are measured at ≤ 80 MHz in RUN mode.
General
S32K1xx Data Sheet, Rev. 12, 02/2020
NXP Semiconductors
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com