Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32K112BHTXMLQTR Datasheet(PDF) 32 Page - NXP Semiconductors

Part # FS32K112BHTXMLQTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BHTXMLQTR Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button FS32K112BHTXMLQTR Datasheet HTML 28Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 29Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 30Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 31Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 32Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 33Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 34Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 35Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 100 page
background image
Table 20. DC electrical specifications at 5.0 V Range for S32K14xW series
Symbol
Parameter
Value
Unit
Notes
Min.
Typ.
Max.
VDD
I/O Supply Voltage
4
—
5.5
V
Vih
Input Buffer High Voltage
0.65 x
VDD
—
VDD + 0.3
V
-1
Vil
Input Buffer Low Voltage
VSS − 0.3
—
0.35 x VDD
V
1
Vhys
Input Buffer Hysteresis
0.06 x
VDD
—
—
V
IohGPIO
IohGPIO-HD_DSE_0
I/O current source capability measured
when pad Voh= (VDD - 0.8 V)
5
—
—
mA
IolGPIO
IolGPIO-HD_DSE_0
I/O current sink capability measured
when pad Vol= 0.8 V
5
—
—
mA
IohGPIO-HD_DSE_1
I/O current source capability measured
when pad Voh = VDD - 0.8 V
20
—
—
mA
2
IolGPIO-HD_DSE_1
I/O current sink capability measured
when pad Vol = 0.8 V
20
—
—
mA
2
IOHT
Output high current total for all ports
—
—
100
mA
IIN
Input leakage current (per pin) for full temperature range at VDD = 5.5 V
3
All pins other than high drive port pins
0.005
0.5
μA
High drive port pins
0.010
0.5
μA
RPU
Internal pullup resistors
20
50
kΩ
4
RPD
Internal pulldown resistors
20
50
kΩ
5
1. For reset pads, same Vil levels are applicable
2. The strong pad I/O pin is capable of switching a 50 pF load up to 40 MHz.
3. Several I/O have both high drive and normal drive capability selected by the associated Portx_PCRn[DSE] control bit. All
other GPIOs are normal drive only. For details see IO Signal Description Input Multiplexing sheet(s) attached with the
Reference Manual
4. Measured at input V = VSS
5. Measured at input V = VDD
5.5 AC electrical specifications at 3.3 V range
Table 21. AC electrical specifications at 3.3 V Range for S32K1xx series
Symbol
DSE
Rise time (nS) 1
Fall time (nS) 1
Capacitance (pF) 2
Min.
Max.
Min.
Max.
tRFGPIO
NA
3.2
14.5
3.4
15.7
25
5.7
23.7
6.0
26.2
50
20.0
80.0
20.8
88.4
200
tRFGPIO-HD
0
3.2
14.5
3.4
15.7
25
5.7
23.7
6.0
26.2
50
20.0
80.0
20.8
88.4
200
Table continues on the next page...
I/O parameters
S32K1xx Data Sheet, Rev. 12, 02/2020
32
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com