Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32K112BHTXMLQTR Datasheet(PDF) 3 Page - NXP Semiconductors

Part # FS32K112BHTXMLQTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BHTXMLQTR Datasheet(HTML) 3 Page - NXP Semiconductors

  FS32K112BHTXMLQTR Datasheet HTML 1Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 2Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 3Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 4Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 5Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 6Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 7Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 8Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
Table of Contents
1 Block diagram.................................................................................... 4
2 Feature comparison............................................................................ 5
3 Ordering information......................................................................... 8
3.1 Selecting orderable part number ...............................................8
3.2 Ordering information ................................................................ 9
4 General............................................................................................... 10
4.1 Absolute maximum ratings........................................................10
4.2 Voltage and current operating requirements..............................12
4.3 Thermal operating characteristics..............................................13
4.4 Power and ground pins.............................................................. 15
4.5 LVR, LVD and POR operating requirements............................17
4.6 Power mode transition operating behaviors.............................. 18
4.7 Power consumption................................................................... 20
4.8 ESD handling ratings.................................................................27
4.9 EMC radiated emissions operating behaviors........................... 27
5 I/O parameters....................................................................................28
5.1 AC electrical characteristics...................................................... 28
5.2 General AC specifications......................................................... 28
5.3 DC electrical specifications at 3.3 V Range.............................. 29
5.4 DC electrical specifications at 5.0 V Range.............................. 31
5.5 AC electrical specifications at 3.3 V range .............................. 32
5.6 AC electrical specifications at 5 V range ................................. 33
5.7 Standard input pin capacitance.................................................. 34
5.8 Device clock specifications....................................................... 35
6 Peripheral operating requirements and behaviors.............................. 36
6.1 System modules......................................................................... 36
6.2 Clock interface modules............................................................ 36
6.2.1
External System Oscillator electrical specifications....36
6.2.2
External System Oscillator frequency specifications . 38
6.2.3
System Clock Generation (SCG) specifications.......... 40
6.2.3.1
Fast internal RC Oscillator (FIRC)
electrical specifications............................ 40
6.2.3.2
Slow internal RC oscillator (SIRC)
electrical specifications ........................... 41
6.2.4
Low Power Oscillator (LPO) electrical specifications
......................................................................................41
6.2.5
SPLL electrical specifications .....................................42
6.3 Memory and memory interfaces................................................42
6.3.1
Flash memory module (FTFC/FTFM) electrical
specifications................................................................42
6.3.1.1
Flash timing specifications —
commands................................................ 42
6.3.1.2
Reliability specifications..........................49
6.3.2
QuadSPI AC specifications..........................................49
6.4 Analog modules......................................................................... 54
6.4.1
ADC electrical specifications...................................... 54
6.4.1.1
12-bit ADC operating conditions............. 54
6.4.1.2
12-bit ADC electrical characteristics....... 57
6.4.2
CMP with 8-bit DAC electrical specifications............ 59
6.5 Communication modules........................................................... 65
6.5.1
LPUART electrical specifications............................... 65
6.5.2
LPSPI electrical specifications.................................... 65
6.5.3
LPI2C electrical specifications.................................... 71
6.5.4
FlexCAN electical specifications.................................72
6.5.5
SAI electrical specifications........................................ 72
6.5.6
Ethernet AC specifications.......................................... 74
6.5.7
Clockout frequency......................................................77
6.6 Debug modules.......................................................................... 77
6.6.1
SWD electrical specofications .................................... 77
6.6.2
Trace electrical specifications......................................79
6.6.3
JTAG electrical specifications..................................... 80
7 Thermal attributes.............................................................................. 84
7.1 Description.................................................................................84
7.2 Thermal characteristics..............................................................84
7.3 General notes for specifications at maximum junction
temperature................................................................................ 89
8 Dimensions.........................................................................................90
8.1 Obtaining package dimensions ................................................. 90
9 Pinouts................................................................................................91
9.1 Package pinouts and signal descriptions....................................91
10 Revision History.................................................................................91
S32K1xx Data Sheet, Rev. 12, 02/2020
NXP Semiconductors
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com