Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32K112BHTXMLQTR Datasheet(PDF) 43 Page - NXP Semiconductors

Part # FS32K112BHTXMLQTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BHTXMLQTR Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button FS32K112BHTXMLQTR Datasheet HTML 39Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 40Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 41Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 42Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 43Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 44Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 45Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 46Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 100 page
background image
Table 35. Flash command timing specifications for S32K14x series (continued)
Symbol
Description1
S32K142
S32K144
S32K146
S32K148
Typ
Max
Typ
Max
Typ
Max
Typ
Max
Unit Notes
128 KB flash —
—
—
—
—
—
—
—
256 KB flash —
2
—
—
—
—
—
—
512 KB flash —
—
—
1.8
—
2
—
2
trd1sec
Read 1 Section
execution time
2 KB flash
—
75
—
75
—
75
—
75
µs
4 KB flash
—
100
—
100
—
100
—
100
tpgmchk
Program Check
execution time
—
—
95
—
95
—
95
—
100
µs
tpgm8
Program Phrase
execution time
—
90
225
90
225
90
225
90
225
µs
tersblk
Erase Flash
Block execution
time
32 KB flash —
—
—
—
—
—
—
—
ms
2
64 KB flash 30
550
30
550
30
550
—
—
128 KB flash —
—
—
—
—
—
—
—
256 KB flash 250
2125
—
—
—
—
—
—
512 KB flash —
—
250
4250
250
4250
250
4250
tersscr
Erase Flash
Sector execution
time
—
12
130
12
130
12
130
12
130
ms
2
tpgmsec1k
Program Section
execution time
(1KB flash)
—
5
—
5
—
5
—
5
—
ms
trd1all
Read 1s All
Block execution
time
—
—
2.8
—
2.3
—
5.2
—
8.2
ms
trdonce
Read Once
execution time
—
—
30
—
30
—
30
—
30
µs
tpgmonce
Program Once
execution time
—
90
—
90
—
90
—
90
—
µs
tersall
Erase All Blocks
execution time
—
250
2800
400
4900
700
10000 1400
17000 ms
2
tvfykey
Verify Backdoor
Access Key
execution time
—
—
35
—
35
—
35
—
35
µs
tersallu
Erase All Blocks
Unsecure
execution time
—
250
2800
400
4900
700
10000 1400
17000 ms
2
tpgmpart
Program
Partition for
EEPROM
execution time
32 KB
EEPROM
backup
70
—
70
—
70
—
—
—
ms
3
64 KB
EEPROM
backup
71
—
71
—
71
—
150
—
tsetram
Set FlexRAM
Function
execution time
Control
Code 0xFF
0.08
—
0.08
—
0.08
—
0.08
—
ms
3
Table continues on the next page...
Memory and memory interfaces
S32K1xx Data Sheet, Rev. 12, 02/2020
NXP Semiconductors
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com