Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32K112BHTXMLQTR Datasheet(PDF) 78 Page - NXP Semiconductors

Part # FS32K112BHTXMLQTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BHTXMLQTR Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button FS32K112BHTXMLQTR Datasheet HTML 74Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 75Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 76Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 77Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 78Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 79Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 80Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 81Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 100 page
background image
Table 52. SWD electrical specifications
Symbo
l
Description
Run Mode
HSRUN Mode
VLPR Mode (S32K1xx)
VLPR Mode
(S32K14xW)
Unit
5.0 V IO
3.3 V IO
5.0 V IO
3.3 V IO
5.0 V IO
3.3 V IO
5.0 V IO
3.3 V IO
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min. Max. Min. Max. Min. Max. Min. Max.
S1
SWD_CLK frequency of
operation
-
25
-
25
-
25
-
25
-
10
-
10
-
1
-
1
MHz
S2
SWD_CLK cycle period
1/S1
-
1/S1
-
1/S1
-
1/S1
-
1/S1
-
1/S1
-
1/S1
-
1/S1
-
ns
S3
SWD_CLK clock pulse
width
ns
S4
SWD_CLK rise and fall
times
-
1
-
1
-
1
-
1
-
1
-
1
-
1
-
1
ns
S9
SWD_DIO input data setup
time to SWD_CLK rise
4
-
4
-
4
-
4
-
16
-
16
-
30
-
30
-
ns
S10
SWD_DIO input data hold
time after SWD_CLK rise
3
-
3
-
3
-
3
-
10
-
10
-
19
-
19
-
ns
S11
SWD_CLK high to
SWD_DIO data valid
-
28
-
38
-
28
-
38
-
70
-
77
-
180
-
180
ns
S12
SWD_CLK high to
SWD_DIO high-Z
-
28
-
38
-
28
-
38
-
70
-
77
-
180
-
180
ns
S13
SWD_CLK high to
SWD_DIO data invalid
0
-
0
-
0
-
0
-
0
-
0
-
0
-
0
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com