Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32K112BHTXMLQTR Datasheet(PDF) 88 Page - NXP Semiconductors

Part # FS32K112BHTXMLQTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BHTXMLQTR Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button FS32K112BHTXMLQTR Datasheet HTML 84Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 85Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 86Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 87Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 88Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 89Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 90Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 91Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 100 page
background image
Table 56. Thermal characteristics for the 100 MAPBGA package
Rating
Conditions
Symbol
Values
Unit
S32K146
S32K144
S32K148
Thermal resistance, Junction to Ambient (Natural
Convection) 1, 2
Single layer board (1s)
RθJA
57.2
61.0
52.5
°C/W
Thermal resistance, Junction to Ambient (Natural
Convection) 1, 2, 3
Four layer board
(2s2p)
RθJA
32.1
35.6
27.5
°C/W
Thermal resistance, Junction to Ambient (@200 ft/min) 1, 2, 3 Single layer board (1s)
RθJMA
44.1
46.6
39.0
°C/W
Thermal resistance, Junction to Ambient (@200 ft/min)1, 3
Two layer board
(2s2p)
RθJMA
27.2
30.9
22.8
°C/W
Thermal resistance, Junction to Board4
—
RθJB
15.3
18.9
11.2
°C/W
Thermal resistance, Junction to Case 5
—
RθJC
10.2
14.2
7.5
°C/W
Thermal resistance, Junction to Package Top outside
center6
—
ψJT
0.2
0.4
0.2
°C/W
Thermal resistance, Junction to Package Bottom outside
center7
—
ψJB
12.2
15.9
18.3
°C/W
1.
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient temperature, air
flow, power dissipation of other components on the board, and board thermal resistance.
2.
Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
3.
Per JEDEC JESD51-6 with the board horizontal.
4.
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top surface of the board near the
package.
5.
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method 1012.1).
6.
Thermal characterization parameter indicating the temperature difference between package top and the junction temperature per JEDEC JESD51-2. When Greek
letters are not available, the thermal characterization parameter is written as Psi-JT.
7.
Thermal characterization parameter indicating the temperature difference between package bottom center and the junction temperature per JEDEC JESD51-12.
When Greek letters are not available, the thermal characterization parameter is written as Psi-JB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com