Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32K112BHTXMLQTR Datasheet(PDF) 48 Page - NXP Semiconductors

Part # FS32K112BHTXMLQTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BHTXMLQTR Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button FS32K112BHTXMLQTR Datasheet HTML 44Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 45Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 46Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 47Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 48Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 49Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 50Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 51Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 100 page
background image
Table 37. Flash command timing specifications for S32K11x series (continued)
Symbol
Description1
S32K116
S32K118
Typ
Max
Typ
Max
Unit
Notes
48 KB EEPROM
backup
—
—
—
—
64 KB EEPROM
backup
—
—
—
—
teewr8b
Byte write to FlexRAM
execution time
32 KB EEPROM
backup
385
1700
385
1700
µs
3,4
48 KB EEPROM
backup
—
—
—
—
64 KB EEPROM
backup
—
—
—
—
teewr16b
16-bit write to FlexRAM
execution time
32 KB EEPROM
backup
385
1700
385
1700
µs
3,4
48 KB EEPROM
backup
—
—
—
—
64 KB EEPROM
backup
—
—
—
—
teewr32bers
32-bit write to erased
FlexRAM location
execution time
—
360
2000
360
2000
µs
teewr32b
32-bit write to FlexRAM
execution time
32 KB EEPROM
backup
630
2000
630
2000
µs
3,4
48 KB EEPROM
backup
—
—
—
—
64 KB EEPROM
backup
—
—
—
—
tquickwr
32-bit Quick Write
execution time: Time
from CCIF clearing (start
the write) until CCIF
setting (32-bit write
complete, ready for next
32-bit write)
1st 32-bit write
200
550
200
550
µs
4,5,6
2nd through Next
to Last (Nth-1)
32-bit write
150
550
150
550
Last (Nth) 32-bit
write (time for
write only, not
cleanup)
200
550
200
550
tquickwrClnup
Quick Write Cleanup
execution time
—
—
(# of
Quick
Writes ) *
2.0
—
(# of Quick
Writes ) * 2.0
ms
7
1. All command times assume 25 MHz or greater flash clock frequency (for synchronization time between internal/external
clocks).
2. Maximum times for erase parameters based on expectations at cycling end-of-life.
3. For all EEPROM Emulation terms, the specified timing shown assumes previous record cleanup has occurred. This may
be verified by executing FCCOB Command 0x77, and checking FCCOB number 5 contents show 0x00 - No EEPROM
issues detected.
4. 1st time EERAM writes after a Reset or SETRAM may incur additional overhead for EEE cleanup, resulting in up to 2x the
times shown.
5. Only after the Nth write completes will any data be valid. Emulated EEPROM record scheme cleanup overhead may occur
after this point even after a brownout or reset. If power on reset occurs before the Nth write completes, the last valid record
set will still be valid and the new records will be discarded.
Memory and memory interfaces
S32K1xx Data Sheet, Rev. 12, 02/2020
48
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com