Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32K112BHTXMLQTR Datasheet(PDF) 96 Page - NXP Semiconductors

Part # FS32K112BHTXMLQTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BHTXMLQTR Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button FS32K112BHTXMLQTR Datasheet HTML 92Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 93Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 94Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 95Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 96Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 97Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 98Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 99Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 100Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 96 / 100 page
background image
Table 57. Revision History (continued)
Rev. No.
Date
Substantial Changes
• Updated 3.3 V numbers and added footnote against fop, tSU, ans tV in
HSRUN Mode
• Added footnote to 'tWSPSCK'
• Updated Thermal characteristics for S32K11x
6
31 Jan 2018
• Changed the representation of ARM trademark throughout.
• Removed S32K142 from 'Caution'
• In 'Key features', added the following note under 'Power management',
'Memory and memory interfaces', and 'Reliability, safety and security':
• No write or erase access to ...
• In High-level architecture diagram for the S32K14x family, added the
following footnote:
• No write or erase access to ...
• In High-level architecture diagram for the S32K11x family :
• Minor editorial update: Fixed the placement of SRAM, under 'Flash
memory controller' block
• Updated figure: S32K1xx product series comparison :
• Updated footnote 1, and added against 'HSRUN' in addition to 'HW
security module (CSEc)' and 'EEPROM emulated by FlexRAM'.
• Updated 'System RAM (including FlexRAM and MTB)' row for
S32K144, S32K146, and S32K148.
• Updated channel count for S32K116 in row '12-bit SAR ADC (1 MSPS
each)'.
• Updated Ordering information
• Updated Flash timing specifications — commands for S32K148, S32K142,
S32K146, S32K116, and S32K118.
7
19 April 2018
• Changed Caution to Notes
• Updated the wordings of Notes and removed S32K146
• Added 'Following two are the available ...'
• In 'Key features' :
• Editorial updates
• Updated the note under Power management, Memory and memory
interfaces, and Safety and security.
• Updated FlexIO under Communications interfaces
• Added ENET and SAI under Communications interfaces
• Updated Cryptographic Services Engine (CSEc) under 'Safety and
security'
• In High-level architecture diagram for the S32K14x family :
• Minor editorial updates
• Updated note 3
• In High-level architecture diagram for the S32K11x family :
• Minor editorial updates
• In figure: S32K1xx product series comparison :
• Editorial updates
• Updated Frequency for S32K14x
• Updated footnote 4
• Added footnote 5
• In Ordering information :
• Renamed section, updated the starting paragraph
• Updated the figure
• In Voltage and current operating requirements, updated the note
• In Power consumption :
• Updated specs for S32K146
• Removed section 'Modes configuration', amd moved its content under
the fisrt paragraph.
• In 12-bit ADC operating conditions :
Table continues on the next page...
Revision History
S32K1xx Data Sheet, Rev. 12, 02/2020
96
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com