Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32K112BHTXMLQTR Datasheet(PDF) 67 Page - NXP Semiconductors

Part # FS32K112BHTXMLQTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BHTXMLQTR Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button FS32K112BHTXMLQTR Datasheet HTML 63Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 64Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 65Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 66Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 67Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 68Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 69Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 70Page - NXP Semiconductors FS32K112BHTXMLQTR Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 100 page
background image
Table 46. LPSPI electrical specifications1 (continued)
Descripti
on
Conditions
Run Mode2
HSRUN Mode2
VLPR Mode (S32K1xx)
VLPR Mode (S32K14xW)
Un
it
5.0 V IO
3.3 V IO
5.0 V IO
3.3 V IO
5.0 V IO
3.3 V IO
5.0 V IO
3.3 V IO
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max Min
Max
Min
Max
Master
-
-
-
-
-
-
-
-
Master
Loopback5
Master
Loopback(sl
ow)6
4
tLag9 Enable lag
time (After
SPSCK
delay)
Slave
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
ns
Master
-
-
-
-
-
-
-
-
Master
Loopback5
Master
Loopback(sl
ow)6
5
tWSPSC
K
10
Clock(SPS
CK) high
or low time
(SPSCK
duty cycle)
Slave
ns
Master
Master
Loopback5
Master
Loopback(sl
ow)6
6
tSU
Data setup
time(input
s)
Slave
3
-
5
-
3
-
5
-
18
-
18
-
55
-
55
-
ns
Master
29
-
38
-
26
-
3711
32 12
-
72
-
78
-
145
-
145
-
Table continues on the next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com