Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 25 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADGM1004JCPZ-R2 Datasheet HTML 21Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 22Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 23Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 24Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 25Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 26Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 27Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 28Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
ADGM1004
Rev. D | Page 25 of 32
Hardware Reset
The digital section of the ADGM1004 goes through an
initialization phase during VDD power-up. To hardware reset the
device, power cycle the VDD input. After power-up or a hardware
reset, ensure that there is a minimum of 10 μs from the time of
power-up or reset before any SPI command is issued. Ensure that
VDD does not drop out during the 10 μs initialization phase because
VDD dropout can result in incorrect operation of the ADGM1004.
Internal Error Status
When an internal error is detected in the device, the internal
error is flagged by the INTERNAL_ERROR bits (Bits[7:6]) of
the SWITCH_DATA register (Register 0x20), as shown in Table 9.
An internal error results from an error in the configuration of
the device at power up.
INTERNAL OSCILLATOR FEEDTHROUGH
The ADGM1004 has an internal oscillator running at a nominal
10 MHz. This oscillator drives the charge pump circuitry that
provides the actuation voltage for each switch gate electrode.
Although this oscillator is low power, the 10 MHz signal is
coupled to the switch and is considered a noise spur on the
switch channels. The magnitude of this feedthrough noise spur is
specified in Table 1 and is typically −123 dBm or −146 dBm/Hz
when one switch is on. When all four switches are simultaneously
on, the feedthrough goes up to −120 dBm. VDD level and
temperature changes affect the frequency of the noise spur. For
the maximum and minimum frequency range over temperature
and voltage supply range, see Table 1.
INTERNAL OSCILLATOR FEEDTHROUGH
MITIGATION
In normal operation, the 80 V actuation voltage is supplied by
the driver IC. Setting the EXTD_EN pin low enables the built in
10 MHz oscillator. This setting enables the charge pump circuitry
to generate the 80 V required for MEMS switch actuation. The
internal oscillator is a source of noise that couples through to
the RF ports. The magnitude of this feedthrough noise spur is
specified in Table 1 and is typically −123 dBm or −146 dBm/Hz
when one switch is on. To eliminate the internal oscillator
feedthrough, set the EXTD_EN pin high to disable the internal
oscillator and charge pump circuitry. When the internal oscillator
and charge pump circuitry is disabled, the VCP pin must be
driven with 80 V dc (VCPEXT) from an external voltage supply
required for MEMS switch actuation, as shown in Table 5. The
switch can still be controlled via the digital logic interface pins.
LOW POWER MODE
Setting the EXTD_EN pin high shuts down the internal
oscillator. The ADGM1004 enters a low power quiescent state,
drawing only 50 μA maximum supply current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com