Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 28 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADGM1004JCPZ-R2 Datasheet HTML 24Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 25Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 26Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 27Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 28Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 29Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 30Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 31Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADGM1004
Data Sheet
Rev. D | Page 28 of 32
CRITICAL OPERATIONAL REQUIREMENTS
SYSTEM ERROR CONSIDERATIONS DUE TO
ON-RESISTANCE DRIFT
The RON performance of the ADGM1004 is affected by part to
part variation, channel to channel variation, cycle actuations,
settling time post turn on, bias voltage, and temperature changes
(see Figure 6 to Figure 13).
In a 50 Ω system, the on-resistance drift over switch actuations
(ΔRON) can introduce system inaccuracy. Figure 52 shows the
ADGM1004 connected with the load in a 50 Ω system, where
RS is the source impedance. TO calculate the system error
caused by the ADGM1004 on-resistance drift, use the following
equation:
System Error (%) = ΔR/RLOAD
where:
ΔR is the ADGM1004 on-resistance drift.
RLOAD is the load impedance.
The ADGM1004 on-resistance drift also affects insertion loss,
which must be considered when using the device. To calculate
the on-resistance impact on insertion loss, use the following
equation:
Insertion Loss = 10log(1 + (ΔR/RLOAD))
RS
50Ω
∆R
VS
RLOAD
50Ω
Figure 52. 50 Ω System Representation Where the ADGM1004 is Connected
with the Load
Table 7. System Error and Insertion Loss Error Due to
ADGM1004 RON Drift
On-Resistance Drift
System
Error (%)
Insertion Loss Error (dB)
4.75
9.5
0.39
5
10
0.41
FLOATING NODE
The ADGM1004 has no internal impedance to ground, and
charges can develop on the switch terminals leading to unreliable
switch behavior To mitigate this behavior, provide a discharge
path to all switch nodes. Figure 53 to Figure 56 show examples
of cases to avoid where floating nodes can occur when using the
switch. Conditions to avoid include the following:
Leaving the RFx pins open circuit (see Figure 53).
Connecting a series capacitor directly to the switch (see
Figure 54).
Connecting the RFx pin of two switches together directly
or connecting the RFC pin to the RFx pin (see Figure 55
and Figure 56).
RFx
RFC
FLOATING
OPEN CIRCUIT
Figure 53. RFx Pins Left Open Circuit
RFx
RFC
FLOATING
Figure 54. Series Capacitor Directly Connected to MEMS Switch
RFx
RFC
FLOATING
RFx
RFC
Figure 55. RFx Pins of Two MEMS Switches Directly Connected
RFx
RFC
FLOATING
RFC
RFx
Figure 56. RFC Connected to RFx
Provide a discharge path to the switch nodes to avoid floating
nodes. In a typical application, a 50 Ω termination connected to
the switch provides this path. Driving switch nodes with a
device of adequate impedance (<10 M
Ω) provides a discharge
path. If there is no discharge path in the application circuit, add
a 10 MΩ shunt resistor or inductor on the source RFx pin of the
MEMS switch to provide the discharge path. Note that the
shunt resistors introduce leakage. Figure 57 shows an example
of a configuration providing a discharge path.
RFx
OR
OR
RFC
Figure 57. Switch Configuration Providing a Discharge Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com