Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 31 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADGM1004JCPZ-R2 Datasheet HTML 24Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 25Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 26Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 27Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 28Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 29Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 30Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 31Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Data Sheet
ADGM1004
Rev. D | Page 31 of 32
REGISTER DETAILS
SWITCH DATA REGISTER
Address: 0x20, Reset: 0x00, Name: SWITCH_DATA
The switch data register controls the status of the four ADGM1004 switches.
Table 9. Bit Descriptions for SWITCH_DATA
Bits
Bit Name
Description
Reset
Access
[7:6]
INTERNAL_ERROR
Internal Error Detection. These bits determine if an internal error has occurred.
0x0
R
00: no error detected.
01: error detected.
10: error detected.
11: error detected.
[5:4]
RESERVED
Reserved. These bits are reserved. Set these bits to 0.
0x0
R
3
SW4_EN
Enable for Switch 4.
0x0
R/W
0: Switch 4 open.
1: Switch 4 closed.
2
SW3_EN
Enable for Switch 3.
0x0
R/W
0: Switch 3 open.
1: Switch 3 closed.
1
SW2_EN
Enable for Switch 2.
0x0
R/W
0: 00: Switch 2 open.
1: Switch 2 closed.
0
SW1_EN
Enable for Switch 1.
0x0
R/W
0: Switch 1 open.
1: Switch 1 closed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com