Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 30 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADGM1004JCPZ-R2 Datasheet HTML 24Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 25Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 26Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 27Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 28Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 29Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 30Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 31Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ADGM1004
Data Sheet
Rev. D | Page 30 of 32
Mechanical Shock Precautions
The ADGM1004 passes extensive mechanical shock
qualification tests, as described in Table 8. These tests validate
the robustness of the device when exposed to normal
mechanical shocks.
Table 8. Mechanical Qualification Summary
Parameter
Qualification
Mechanical Shock
Powered (PMS) IEC 60068-2-27
Random Drop
AEC-Q100 Test G5, five drops from
0.6 m
Vibration Testing
MIL-STD-883, M2007.3, Condition B,
20 Hz to 2000 Hz at 50 g
Group D, Sub 4, MIL-
STD-883, M5005
Mechanical shock, 1500 g, 0.5 ms;
vibration 50 g sine sweep, 20 Hz to
2000 Hz; acceleration 30,000 g
Do not use the ADGM1004 if dropped. Ensure minimal
mechanical shocks during the handling and manufacturing of
the device.
Figure 62 shows examples of loose device handling situations to
avoid for risk of mechanical shock and ESD events.
NOT RECOMMENDED
DEVICES STORED BULK
IN BINS
DEVICE DROPPED
DEVICES DUMPED OUT
ON BENCHTOP
Figure 62. Situations to Avoid During Handling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com