Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADGM1004JCPZ-R2 Datasheet HTML 19Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 20Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 21Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 22Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 23Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 24Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 25Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 26Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
ADGM1004
Rev. D | Page 23 of 32
SPI DIGITAL INTERFACE
The ADGM1004 can be controlled via a digital SPI when the
PIN/SPI pin is high. The SPI is compatible with SPI Mode 0
(clock polarity (CPOL) = 0, clock phase (CPHA) = 0) and Mode 3
(CPOL = 1, CPHA = 1) and it operates with SCLK frequencies up
to 10 MHz. When the SPI is active, the default mode is
addressable, in which, the device registers are accessed by a 16-bit
SPI command that is bound by the state of the CS pin. The
ADGM1004 can also operate in daisy-chain mode.
The SPI interface pins of the ADGM1004 are CS, SCLK, SDI,
and SDO. Hold the CS pin low when using the SPI. The data on
the SDI pin is captured on the rising edge of SCLK, and data is
propagated out on the SDO pin on the falling edge of SCLK. The
SDO pin has a push pull output driver architecture. Therefore,
the ADGM1004 does not require pull-up resistors. The two
modes of SPI operation are: addressable and daisy-chain.
Addressable Mode
Addressable mode is the default mode for the ADGM1004
upon power-up. A single SPI frame in addressable mode is bound
by a CS falling edge and the succeeding CS rising edge. The
frame is comprised of 16 SCLK cycles. The timing diagram for
addressable mode is shown in Figure 45. The first SDI signal bit
indicates if the SPI command is a read or write command. The
next seven bits determine the target register address. The
remaining eight bits provide the data to the addressed register.
The first eight bits are ignored during a read command because
the SDO pin propagates out the data contained in the addressed
register during these clock cycles.
The target register address of an SPI command is determined on
the eighth SCLK rising edge. Data from this register propagates
out on the SDO pin from the 9th to the 16th SCLK falling edge
during SPI reads. A register write occurs on the 16th SCLK rising
edge during SPI writes. During any SPI command, the SDO pin
sends out eight alignment bits on the first eight SCLK falling
edges. The alignment bits observed at the SDO pin are 0x25.
0
0
1
0
0
1
0
1
D7
D6
D5
D4
D3
D2
D1
D0
SDO
R/W
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
12
34
567
8
9
10
11
12
13
14
15
16
SDI
SCLK
CS
Figure 45. Addressable Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com