Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 29 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADGM1004JCPZ-R2 Datasheet HTML 24Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 25Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 26Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 27Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 28Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 29Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 30Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 31Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
ADGM1004
Rev. D | Page 29 of 32
Figure 58 and Figure 59 illustrate typical cascaded switch use cases
and the corresponding schemes to mitigate floating node risks.
RFC
ADGM1004
ADGM1004
RF1
RF2
RF3
RF4
RF1
RF2
RF3
RF4
RFC
Figure 58. Two ADGM1004 Devices Connected in Path Selection
Configuration with 10 M
Ω Shunt Resistors to Mitigate Floating Nodes
ADGM1004
ADGM1004
ADGM1004
RF1
RF2
RF3
RF4
RFC
RF1
RF2
RF3
RF4
RFC
RF1
RF2
RF3
RF4
RFC
Figure 59. Three ADGM1004 Devices Connected in Fanout Configuration
with 10 M
Ω Shunt Resistors to Mitigate Floating Nodes
Avoid connecting shunt capacitors directly to the switch. A
capacitor can store a charge and potentially lead to hot switching
events when the switch opens or closes if there are no alternative
discharge paths. These events affect the cycle lifetime of the switch.
CUMULATIVE ON SWITCH LIFETIME
Leaving the switch in an on state for a long period affects the
lifetime of the switch because of mechanical degradation effects.
These effects can result in the switch failing to turn off. Figure 60
shows a failure rate at 50°C where the mean time to failure is
7.2 years (2628 days), resulting in 50% of the sample lot failing
at this point.
Temperatures above 50°C further reduce the switch lifetime.
The cumulative on switch lifetime specification is also duty cycle
dependent. If the user operates the MEMS switch with a duty
cycle of less than 50% the lifetime of the MEMS switch improves.
99
90
70
30
10
1
10
100
1,000
CONTINUOUSLY ON TIME (DAYS)
10,000
100,000
VDD = 3.3V
Figure 60. Cumulative On Switch Lifetime at 50°C, VDD = 3.3 V,
Sample Size 31 Parts
HANDLING PRECAUTIONS
Electrical Overstress (EOS) Precautions
The ADGM1004 is susceptible to EOS. Therefore, take the
following precautions:
The ADGM1004 is an ESD sensitive device. Ensure to take
all of the normal handling precautions, including working
only on static dissipative surfaces, wearing wrist straps or
other ESD control devices, and storing unused devices in
conductive foam.
Avoid running measurement instruments, such as digital
multimeters (DMMs), in autorange modes. Some
instruments generate large transient compliance voltages
when switching between ranges.
Use the highest practical DMM range setting (the lowest
resolution) for resistance measurements to minimize
compliance voltages, particularly during switching.
Discharge coaxial cables before connecting directly to the
switch. Note that coaxial cables can store charge and lead
to EOS when directly connected to the switch.
Avoid connecting large capacitive terminations directly to
the switch, as shown in Figure 61. A shunt capacitor can
store a charge that potentially leads to hot switching events
when the switch opens or closes, affecting the lifetime of
the switch.
RFx
RFC
Figure 61. Avoid Having a Large Capacitor Directly Connected to the
MEMS Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com