Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADGM1004JCPZ-R2 Datasheet HTML 18Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 19Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 20Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 21Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 22Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 23Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 24Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 25Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADGM1004
Data Sheet
Rev. D | Page 22 of 32
THEORY OF OPERATION
The ADGM1004 is a wideband SP4T switch fabricated using
Analog Devices MEMS switch technology. This technology
enables high power, low loss, low distortion GHz switches for
use in demanding RF applications.
The MEMS switch simultaneously brings together high
frequency RF performance and 0 Hz/dc precision performance.
This combination, coupled with superior reliability and a tiny
surface-mountable form factor, makes the MEMS switch an
ideal switching solution for all RF and precision signal
instrumentation needs.
Figure 44 shows a cross section of the switch with dimensions.
The switch is an electrostatically actuated cantilever beam
connected in a 3-terminal configuration. Functionally, the switch is
analogous to a field effect transistor (FET). The terminals can
be used as a source, gate, or drain.
SILICON
SILICON CAP
SOURCE
DRAIN
CANTILEVER BEAM
GATE
CONTACT GAP
METAL
Figure 44. Cross Section of the MEMS Switch Design Showing the Cantilever
Switch Beam (Not to Scale)
When a dc actuation voltage is applied between the gate
electrode and the source (the switch beam), an electrostatic
force is generated, resulting in attracting the beam toward the
substrate. A separate on-board driver IC generates the 80 V bias
voltage used for actuation.
When the bias voltage between the gate and the source exceeds
the threshold voltage of the switch (VTH) the contacts on the
beam touch the drain, which completes the circuit between the
source and the drain and turns the switch on. When the bias
voltage is removed, that is, the 0 V on the gate electrode, the
beam acts as a spring generating a sufficient restoring force to
open the connection between the source and the drain, thus
breaking the circuit and turning the switch off.
The silicon cap covering the switch die is shown in Figure 44. This
cap hermetically seals the switch, which improves reliability.
The switch contacts do not suffer from dry switching or low power
switching lifetime degradation.
PARALLEL DIGITAL INTERFACE
The ADGM1004 is controlled via a parallel digital interface.
Standard complimentary metal-oxide semiconductor (CMOS)/
low voltage transistor to transistor logic (LVTTL) signals
applied through this interface control the actuation or release of
all ADGM1004 switch channels. Gate signals applied are
boosted to provide the required voltages required to actuate the
MEMS switch.
Setting the PIN/SPI pin low enables the parallel digital interface
in 4-wire SP4T mode. In parallel mode, Pin 1 to Pin 4 (IN1 to
IN4) control the switching functions of the ADGM1004. When
a Logic 1 is applied to one of these pins, the gate of the
corresponding switch is activated and the switch turns on.
Conversely, when a Logic 0 is applied to one of these pins, the
switch turns off. Note that it is possible to connect more than
one RFx input to RFC at a time. See Table 6 for the ADGM1004
truth table.
Table 6. Truth Table When in Parallel Digital Interface Mode
IN1
IN2
IN3
IN4
RF1 to RFC
RF2 to RFC
RF3 to RFC
RF4 to RFC
0
0
0
0
Off
Off
Off
Off
0
0
0
1
Off
Off
Off
On
0
0
1
0
Off
Off
On
Off
0
0
1
1
Off
Off
On
On
0
1
0
0
Off
On
Off
Off
0
1
0
1
Off
On
Off
On
0
1
1
0
Off
On
On
Off
0
1
1
1
Off
On
On
On
1
0
0
0
On
Off
Off
Off
1
0
0
1
On
Off
Off
On
1
0
1
0
On
Off
On
Off
1
0
1
1
On
Off
On
On
1
1
0
0
On
On
Off
Off
1
1
0
1
On
On
Off
On
1
1
1
0
On
On
On
Off
1
1
1
1
On
On
On
On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com