Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADGM1004JCPZ-R2 Datasheet HTML 22Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 23Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 24Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 25Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 26Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 27Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 28Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 29Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ADGM1004
Data Sheet
Rev. D | Page 26 of 32
TYPICAL OPERATING CIRCUIT
Figure 49 shows the typical operating circuit for the ADGM1004
as used in the EVAL-ADGM1004SDZ evaluation board. A 47 pF
(100 V rated) external capacitor (CCP) is required on the VCP pin.
This capacitor is a holding capacitor for the 80 V dc gate drive
voltage.
In the circuit shown in Figure 49, VDD is connected to 3.3 V. EP1
connects to EP2 internally. Typically, one large GND pad on the
PCB is used to short together EP1 and EP2. Figure 49 shows the
ADGM1004 configured to use the internal oscillator as the
reference clock to the driver IC control circuit. Alternatively, set
the EXTD_EN pin high and apply 80 V dc directly to the VCP pin
to disable the internal oscillator and eliminate all oscillator
feedthrough. The switches can then be controlled normally via
the logic control interface, IN1 to IN4.
To avoid any floating nodes, connect a 10 MΩ shunt resistor to
GND on all RFx pins (RF1 to RF4, and RFC), as shown in
Figure 49. See the Floating Node section for more information.
GND
GND
GND
GND
RFC
24
23
22
21
20
19
18
1
2
3
4
5
6
7
8
9
10
11
12
17
16
15
14
13
IN1
IN2
IN3
IN4
GND
IN1
IN2
IN3
IN4
47pF
0.1µF
3.3V
RFOUT
RF2 IN
RF1 IN
RF4 IN
RF3 IN
10MΩ*
ADGM1004
TOP VIEW
10MΩ*
10MΩ*
*10MΩ RESISTORS ARE REQUIRED TO AVOID ANY FLOATING NODES. FOR MORE INFORMATION,
REFER TO THE FLOATING NODES SECTION.
10MΩ*
10MΩ*
Figure 49. Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com