Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADGM1004JCPZ-R2 Datasheet HTML 16Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 17Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 18Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 19Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 20Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 21Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 22Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 23Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADGM1004
Data Sheet
Rev. D | Page 20 of 32
TERMINOLOGY
Insertion Loss
Insertion loss is the amount of signal attenuation between the
input and output ports of the switch when the switch is in the
on state. Expressed in decibels, ensure that insertion loss is as
small as possible for maximum power transfer.
An example calculation of insertion loss based on the setup in
Figure 32 is as follows:
Insertion Loss (dB) = −20log10|SRF2RFC|
where SRF2RFC is the transmission coefficient measured from RF2
to RFC with RF2 in the on position. All unused switches are in
the off position and terminated in a purely resistive load of 50 Ω.
Isolation
Isolation is the amount of signal attenuation between the input
and output ports of the switch when the switch is in the off
state. Expressed in decibels, ensure that isolation is as large as
possible.
An example calculation of isolation based on the setup in Figure 33
is as follows:
Isolation (dB) = −20log10|SRFCRF1|
where SRFCRF1 is the transmission coefficient measured from RFC
to RF1 with RF1 in the off position. All unused switches are in
the off position and terminated in a purely resistive load of 50 Ω.
Crosstalk
Crosstalk is a measure of unwanted signals coupled through
from one channel to another because of parasitic capacitance.
An example calculation of crosstalk based on the setup in
Figure 35 is as follows:
Crosstalk (dB) = −20log10|SRF1RF2|
where SRF1RF2 is the transmission coefficient measured from RF1
to RF2 with RF1 in the off position and RF2 in the on position.
All unused switches are in the off position and terminated in a
purely resistive load of 50 Ω.
Return Loss
Return Loss is the magnitude of the reflection coefficient
expressed in decibels, and the amount of reflected signal relative
to the incident signal.
An example calculation of return loss based on the setup in
Figure 32 is as follows:
Return Loss (dB) = −20log10|S11|
where S11 is the reflection coefficient of the port under test.
Third-Order Intermodulation Intercept (IP3)
IP3 is the intersection point of the fundamental POUT vs. PIN
extrapolated line and the third-order intermodulation products
extrapolated line of a two-tone test. IP3 is a figure of merit that
characterizes the switch linearity.
Second-Order Intermodulation Intercept (IP2)
IP2 is the intersection point of the fundamental POUT vs. PIN
extrapolated line and the second-order intermodulation products
extrapolated line of a two-tone test. IP2 is a figure of merit that
characterizes the switch linearity.
Second Distortion Harmonic (HD2)
HD2 is the amplitude of the second distortion harmonic, where, for
a signal whose fundamental frequency is f, the second distortion
harmonic has a frequency of 2 f. This measurement is a single-
tone test expressed with reference to the carrier signal (dBc).
Third Distortion Harmonic (HD3)
HD3 is the amplitude of the third distortion harmonic, where, for a
signal whose fundamental frequency is f, the third distortion
harmonic has a frequency of 3 f. This measurement is a single
tone test expressed with reference to the carrier signal (dBc).
On Switching Time (tON)
tON is the time it takes for the switch to turn on. tON is measured
from 50% of the control signal (INx) to 90% of the on level. No
power was applied through the switch during this test (cold
switched). The switch was terminated into a 50 Ω load.
Off Switching Time (tOFF)
tOFF is the time it takes for the switch to turn off. tOFF is measured
from 50% of the control signal (INx) to 10% of the on level. No
power was applied through the switch during this test (cold
switched). The switch was terminated into a 50 Ω load.
Actuation Frequency
The actuation frequency refers to the speed at which the
ADGM1004 can be switched on and off. The actuation
frequency is dependent on both the settling times and the on
and off switching times.
Power-Up Time
The power-up time is a measure of the time required for the
device to power up and start to pass 90% of an RF input signal
after the VDD pin reaches 95%.
Video Feedthrough
Video feedthrough is a measure of the spurious signals present
at the RFx ports of the switch when the control voltage is switched
from high to low or from low to high without an RF signal present.
Internal Oscillator Frequency
The internal oscillator frequency is the value of the on-board
oscillator that drives the gate control chip of the ADGM1004.
Internal Oscillator Feedthrough
The internal oscillator feedthrough is the amount of internal
oscillator signal that feeds through to the RFx and RFC pins of
the switch. This signal appears as a noise spur on the RFx and
RFC pins of the switch at the frequency the oscillator is
operating at and the harmonics thereof.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com