Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 21 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 21 Page - NEC

Back Button UPD78044F Datasheet HTML 17Page - NEC UPD78044F Datasheet HTML 18Page - NEC UPD78044F Datasheet HTML 19Page - NEC UPD78044F Datasheet HTML 20Page - NEC UPD78044F Datasheet HTML 21Page - NEC UPD78044F Datasheet HTML 22Page - NEC UPD78044F Datasheet HTML 23Page - NEC UPD78044F Datasheet HTML 24Page - NEC UPD78044F Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
µPD78F0034B, 78F0034BY, 78F0034B(A), 78F0034BY(A)
21
Data Sheet U16369EJ1V0DS
5. DIFFERENCES BETWEEN
µµµµµPD78F0034B, 78F0034BY AND µµµµµPD78F0034A, 78F0034AY
Table 5-1 shows the differences between the
µPD78F0034B and µPD78F0034A, and Table 5-2 shows differences
between the
µPD78F0034BY and 78F0034AY.
Table 5-1. Differences Between
µµµµµPD78F0034B and µµµµµPD78F0034A
Item
µPD78F0034B
µPD78F0034A
Guaranteed operating speed
4.5 to 5.5 V
12 MHz (0.166
µs)
8.38 MHz (0.238
µs)
(operating frequency)
4.0 to 5.5 V
8.38 MHz (0.238
µs)
8.38 MHz (0.238
µs)
3.0 to 5.5 V
8.38 MHz (0.238
µs)
5 MHz (0.4
µs)
2.7 to 5.5 V
5 MHz (0.4
µs)
5 MHz (0.4
µs)
1.8 to 5.5 V
1.25 MHz (1.6
µs)
1.25 MHz (1.6
µs)
Maximum instruction execution time
Minimum instruction execution time variable function incorporated
When main system clock is selected
0.166
µs/0.333 µs/0.666 µs/1.33 µs/2.66 µs
0.238
µs/0.48 µs/0.95 µs/1.91 µs/3.81 µs
(@ 12 MHz operation, VDD = 4.5 to 5.5 V)
(@ 8.38 MHz operation, VDD = 4.0 to 5.5 V)
When subsystem clock is selected
122
µs (32.768 kHz)
Clock output
• 93.75 kHz, 187.5 kHz, 375 kHz, 750 kHz,
• 65.5 kHz, 131 kHz, 262 kHz, 524 kHz,
1.25 MHz, 3 MHz, 6 MHz, 12 MHz (@ 12
1.05 MHz, 2.10 MHz, 4.19 MHz, 8.38
MHz operation with main system clock)
MHz (@ 8.38 MHz operation with main
• 32.768 kHz (@ 32.768 kHz operation
system clock)
with subsystem clock)
• 32.768 kHz (@ 32.768 kHz operation
with subsystem clock)
Buzzer output
1.46 kHz, 2.93 kHz, 5.86 kHz, 11.7 kHz
1.02 kHz, 2.05 kHz, 4.10 kHz, 8.19 kHz
(@ 12 MHz operation with main system
(@ 8.38 MHz operation with main system
clock)
clock)
Communication mode of flash memory
• 3-wire serial I/O:
2 channels
Note
• 3-wire serial I/O:
2 channels
Note
programming
• UART:
1 channel
• UART:
1 channel
• Pseudo 3-wire serial I/O: 1 channel
• Pseudo 3-wire serial I/O: 1 channel
Electrical specifications, recommended
Refer to the data sheet of individual products.
soldering conditions
Note
The
µPD78F0034B can use one channel (serial interface SIO30) as a handshake mode.
The
µPD78F0034A cannot use a handshake mode.
Remark
The operating frequency ratings of the
µPD78F0034B and the expanded-specification products of the
mask ROM versions of the
µPD780024A, 780034A Subseries are the same. The operating frequency
ratings of the
µPD78F0034A and the conventional products of the mask ROM versions of the
µPD780024A, 780034A Subseries are the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com