Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 13 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 13 Page - NEC

Back Button UPD78044F Datasheet HTML 9Page - NEC UPD78044F Datasheet HTML 10Page - NEC UPD78044F Datasheet HTML 11Page - NEC UPD78044F Datasheet HTML 12Page - NEC UPD78044F Datasheet HTML 13Page - NEC UPD78044F Datasheet HTML 14Page - NEC UPD78044F Datasheet HTML 15Page - NEC UPD78044F Datasheet HTML 16Page - NEC UPD78044F Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
µPD78F0034B, 78F0034BY, 78F0034B(A), 78F0034BY(A)
13
Data Sheet U16369EJ1V0DS
3. PIN FUNCTIONS
3.1 Port Pins (1/2)
Pin Name
I/O
Function
After Reset
Alternate
Function
P00
I/O
Port 0
Input
INTP0
P01
4-bit I/O port.
INTP1
P02
Input/output can be specified in 1-bit units.
INTP2
P03
An on-chip pull-up resistor can be specified by software.
INTP3/ADTRG
P10 to P17
Input
Port 1
Input
ANI0 to ANI7
8-bit input-only port.
P20
I/O
Port 2
Input
SI30
P21
6-bit I/O port.
SO30
P22
Input/output can be specified in 1-bit units.
SCK30
P23
An on-chip pull-up resistor can be specified by software.
RxD0
P24
TxD0
P25
ASCK0
P30
I/O
Port 3
N-ch open-drain I/O port.
Input
–
P31
7-bit I/O port.
LEDs can be driven directly.
P32
Input/output can be specified
SDA0Note 1
P33
in 1-bit units.
SCL0Note 1
P34
An on-chip pull-up resistor can be
SI31Note 2
P35
specified by software.
SO31Note 2
P36
SCK31Note 2
P40 to P47
I/O
Port 4
Input
AD0 to AD7
8-bit I/O port.
Input/output can be specified in 1-bit units.
An on-chip pull-up resistor can be specified by software.
Interrupt request flag KRIF is set to 1 by falling edge detection.
P50 to P57
I/O
Port 5
Input
A8 to A15
8-bit I/O port.
LEDs can be driven directly.
Input/output can be specified in 1-bit units.
An on-chip pull-up resistor can be specified by software.
P64
I/O
Port 6
Input
RD
P65
4-bit I/O port.
WR
P66
Input/output can be specified in 1-bit units.
WAIT
P67
An on-chip pull-up resistor can be specified by software.
ASTB
Notes 1.
SDA0 and SCL0 are incorporated only in the
µPD78F0034BY and 78F0034BY(A).
2.
SI31, SO31, and SCK31 are incorporated only in the
µPD78F0034B and 78F0034B(A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com