Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 14 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 14 Page - NEC

Back Button UPD78044F Datasheet HTML 10Page - NEC UPD78044F Datasheet HTML 11Page - NEC UPD78044F Datasheet HTML 12Page - NEC UPD78044F Datasheet HTML 13Page - NEC UPD78044F Datasheet HTML 14Page - NEC UPD78044F Datasheet HTML 15Page - NEC UPD78044F Datasheet HTML 16Page - NEC UPD78044F Datasheet HTML 17Page - NEC UPD78044F Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 90 page
background image
µPD78F0034B, 78F0034BY, 78F0034B(A), 78F0034BY(A)
14
Data Sheet U16369EJ1V0DS
3.1 Port Pins (2/2)
Pin Name
I/O
Function
After Reset
Alternate
Function
P70
I/O
Port 7
Input
TI00/TO0
P71
6-bit I/O port.
TI01
P72
Input/output can be specified in 1-bit units.
TI50/TO50
P73
An on-chip pull-up resistor can be specified by software.
TI51/TO51
P74
PCL
P75
BUZ
3.2 Non-Port Pins (1/2)
Pin Name
I/O
Function
After Reset
Alternate
Function
INTP0
Input
External interrupt request input by which the valid edge (rising edge,
Input
P00
INTP1
falling edge, or both rising and falling edges) can be specified.
P01
INTP2
P02
INTP3
P03/ADTRG
SI30
Input
Serial interface serial data input.
Input
P20
SI31Note 1
P34
SDA0Note 2
I/O
Serial interface serial data input/output
Input
P32
SO30
Output
Serial interface serial data output.
Input
P21
SO31Note 1
P35
SCK30
I/O
Serial interface serial clock input/output.
Input
P22
SCK31Note 1
P36
SCL0Note 2
P33
RxD0
Input
Serial data input for asynchronous serial interface.
Input
P23
TxD0
Output
Serial data output for asynchronous serial interface.
Input
P24
ASCK0
Input
Serial clock input for asynchronous serial interface.
Input
P25
TI00
Input
External count clock input to 16-bit timer/event counter 0.
Input
P70/TO0
Capture trigger signal input to capture register 01 (CR01) of 16-bit timer/
event counter 0.
TI01
Capture trigger signal input to capture register 00 (CR00) of 16-bit timer/
P71
event counter 0.
TI50
External count clock input to 8-bit timer/event counter 50.
P72/TO50
TI51
External count clock input to 8-bit timer/event counter 51.
P73/TO51
TO0
Output
16-bit timer/event counter 0 output.
Input
P70/TI00
TO50
8-bit timer/event counter 50 output (shared with 8-bit PWM output).
Input
P72/TI50
TO51
8-bit timer/event counter 51 output (shared with 8-bit PWM output).
P73/TI51
PCL
Output
Clock output (for trimming of main system clock and subsystem clock).
Input
P74
BUZ
Output
Buzzer output.
Input
P75
AD0 to AD7
I/O
Lower address/data bus for extending memory externally.
Input
P40 to P47
Notes 1.
SI31, SO31, and SCK31 are incorporated only in the
µPD78F0034B and 78F0034B(A).
2.
SDA0 and SCL0 are incorporated only in the
µPD78F0034BY and 78F0034BY(A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com