Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 7 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 7 Page - NEC

Back Button UPD78044F Datasheet HTML 3Page - NEC UPD78044F Datasheet HTML 4Page - NEC UPD78044F Datasheet HTML 5Page - NEC UPD78044F Datasheet HTML 6Page - NEC UPD78044F Datasheet HTML 7Page - NEC UPD78044F Datasheet HTML 8Page - NEC UPD78044F Datasheet HTML 9Page - NEC UPD78044F Datasheet HTML 10Page - NEC UPD78044F Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
µPD78F0034B, 78F0034BY, 78F0034B(A), 78F0034BY(A)
7
Data Sheet U16369EJ1V0DS
OVERVIEW OF FUNCTIONS
Part Number
µPD78F0034B
µPD78F0034BY
Item
µPD78F0034B(A)
µPD78F0034BY(A)
Internal
Flash memory
32 KBNote 1
memory
High-speed RAM
1,024 bytesNote 1
Memory space
64 KB
General-purpose registers
8 bits
× 32 registers (8 bits × 8 registers × 4 banks)
Minimum instruction execution time
On-chip minimum instruction execution time cycle variable function
When main system
0.166
µs/0.333 µs/0.666 µs/1.33 µs/2.66 µs 0.238 µs/0.48 µs/0.95 µs/1.91 µs/3.81 µs
(@ 12 MHz operation, VDD = 4.5 to 5.5 V)
(@ 8.38 MHz operation, VDD = 4.0 to 5.5 V)
When subsystem
122
µs (@ 32.768 kHz operation)
clock selected
Instruction set
• 16-bit operation
• Multiply/divide (8 bits
× 8 bits, 16 bits ÷ 8 bits)
• Bit manipulation (set, reset, test, Boolean operation)
• BCD adjust, etc.
I/O ports
Total:
51
• CMOS input:
8
• CMOS I/O:
39
• N-ch open-drain I/O (5 V withstand voltage): 4
A/D converter
• 10-bit resolution
× 8 channels
• Operable over a wide power supply voltage range: AVDD = 1.8 to 5.5 V
Serial interface
• UART mode:
1 channel
• UART mode:
1 channel
• 3-wire serial I/O mode: 2 channels
• 3-wire serial I/O mode:
1 channel
• I2C bus mode
(multimaster supporting): 1 channel
Timers
• 16-bit timer/event counter: 1 channel
• 8-bit timer/event counter:
2 channels
• Watch timer:
1 channel
• Watchdog timer:
1 channel
Timer outputs
3 (8-bit PWM output capable: 2)
Clock output
• 93.75 kHz, 187.5 kHz, 375 kHz, 750 kHz,
• 65.5 kHz, 131 kHz, 262 kHz, 524 kHz, 1.05
1.25 MHz, 3 MHz, 6 MHz, 12 MHz
MHz, 2.10 MHz, 4.19 MHz, 8.38 MHz
(@ 12 MHz operation with main system
(@ 8.38 MHz operation with main system
clock)
clock)
• 32.768 kHz (@ 32.768 kHz operation with
• 32.768 kHz (@ 32.768 kHz operation with
subsystem clock)
subsystem clock)
Buzzer output
1.46 kHz, 2.93 kHz, 5.86 kHz, 11.7 kHz
1.02 kHz, 2.05 kHz, 4.10 kHz, 8.19 kHz
(@ 12 MHz operation with main system clock)
(@ 8.38 MHz operation with main system clock)
Vectored interrupt
Maskable
Internal: 13, external: 5
sources
Non-maskable
Internal: 1
Software
1
Test inputs
Internal: 1, external: 1
Supply voltage
VDD = 1.8 to 5.5 V
Operating ambient temperature
TA = –40 to +85
°C
Package
• 64-pin plastic LQFP (10 x 10)
• 64-pin plastic LQFP (14 x 14)
• 64-pin plastic TQFP (12 x 12)
• 73-pin plastic FBGA (9 x 9)Note 2
Notes 1.
The capacities of the flash memory and the internal high-speed RAM can be changed with the memory
size switching register (IMS).
2.
The special grade version of the 73-pin plastic FBGA (9 x 9) is not provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com