Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 32 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 32 Page - NEC

Back Button UPD78044F Datasheet HTML 28Page - NEC UPD78044F Datasheet HTML 29Page - NEC UPD78044F Datasheet HTML 30Page - NEC UPD78044F Datasheet HTML 31Page - NEC UPD78044F Datasheet HTML 32Page - NEC UPD78044F Datasheet HTML 33Page - NEC UPD78044F Datasheet HTML 34Page - NEC UPD78044F Datasheet HTML 35Page - NEC UPD78044F Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
µPD78F0034B, 78F0034BY, 78F0034B(A), 78F0034BY(A)
32
Data Sheet U16369EJ1V0DS
DC Characteristics (TA = –40 to +85
°C, VDD = 1.8 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output current,
IOH
Per pin
–1mA
high
All pins
–15
mA
Output current,
IOL
Per pin for P00 to P03, P20 to P25, P34 to P36,
10
mA
low
P40 to P47, P64 to P67, P70 to P75
Per pin for P30 to P33, P50 to P57
15
mA
Total for P00 to P03, P40 to P47, P64 to P67, P70 to P75
20
mA
Total for P20 to P25
10
mA
Total for P30 to P36
70
mA
Total for P50 to P57
70
mA
Input voltage,
VIH1
P10 to P17, P21, P24, P35,
2.7 V
≤ VDD ≤ 5.5 V
0.7VDD
VDD
V
high
P40 to P47, P50 to P57,
1.8 V
≤ VDD < 2.7 V
0.8VDD
VDD
V
P64 to P67, P74, P75
VIH2
P00 to P03, P20, P22, P23, P25,
2.7 V
≤ VDD ≤ 5.5 V
0.8VDD
VDD
V
P34, P36, P70 to P73, RESET
1.8 V
≤ VDD < 2.7 V
0.85VDD
VDD
V
VIH3
P30 to P33
2.7 V
≤ VDD ≤ 5.5 V
0.7VDD
5.5
V
(N-ch open-drain)
1.8 V
≤ VDD < 2.7 V
0.8VDD
5.5
V
VIH4
X1, X2
2.7 V
≤ VDD ≤ 5.5 V
VDD – 0.5
VDD
V
1.8 V
≤ VDD < 2.7 V
VDD – 0.2
VDD
V
VIH5
XT1, XT2
4.0 V
≤ VDD ≤ 5.5 V
0.8VDD
VDD
V
1.8 V
≤ VDD < 4.0 V
0.9VDD
VDD
V
Input voltage,
VIL1
P10 to P17, P21, P24, P35,
2.7 V
≤ VDD ≤ 5.5 V
0
0.3VDD
V
low
P40 to P47, P50 to P57,
1.8 V
≤ VDD < 2.7 V
0
0.2VDD
V
P64 to P67, P74, P75
VIL2
P00 to P03, P20, P22, P23, P25,
2.7 V
≤ VDD ≤ 5.5 V
0
0.2VDD
V
P34, P36, P70 to P73, RESET
1.8 V
≤ VDD < 2.7 V
0
0.15VDD
V
VIL3
P30 to P33
4.0 V
≤ VDD ≤ 5.5 V
0
0.3VDD
V
2.7 V
≤ VDD < 4.0 V
0
0.2VDD
V
1.8 V
≤ VDD < 2.7 V
0
0.1VDD
V
VIL4
X1, X2
2.7 V
≤ VDD ≤ 5.5 V
0
0.4
V
1.8 V
≤ VDD < 2.7 V
0
0.2
V
VIL5
XT1, XT2
4.0 V
≤ VDD ≤ 5.5 V
0
0.2VDD
V
1.8 V
≤ VDD < 4.0 V
0
0.1VDD
V
Output voltage,
VOH1
4.0 V
≤ VDD ≤ 5.5 V, IOH = –1 mA
VDD – 1.0
VDD
V
high
1.8 V
≤ VDD < 4.0 V, IOH = –100
µA
VDD – 0.5
VDD
V
Output voltage,
VOL1
P30 to P33
4.0 V
≤ VDD ≤ 5.5 V,
2.0
V
low
P50 to P57
IOL = 15 mA
0.4
2.0
V
P00 to P03, P20 to P25, P34 to P36, 4.0 V
≤ VDD ≤ 5.5 V,
0.4
V
P40 to P47, P64 to P67, P70 to P75
IOL = 1.6 mA
VOL2
IOL = 400
µA
0.5
V
Remark
Unless otherwise specified, the characteristics of alternate-function pins are the same as those of port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com