Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 53 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 53 Page - NEC

Back Button UPD78044F Datasheet HTML 49Page - NEC UPD78044F Datasheet HTML 50Page - NEC UPD78044F Datasheet HTML 51Page - NEC UPD78044F Datasheet HTML 52Page - NEC UPD78044F Datasheet HTML 53Page - NEC UPD78044F Datasheet HTML 54Page - NEC UPD78044F Datasheet HTML 55Page - NEC UPD78044F Datasheet HTML 56Page - NEC UPD78044F Datasheet HTML 57Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
µPD78F0034B, 78F0034BY, 78F0034B(A), 78F0034BY(A)
53
Data Sheet U16369EJ1V0DS
AC Characteristics
(1) Basic Operation (TA = –40 to +85
°C, VDD = 1.8 to 5.5 V)
4.0 V
≤ VDD ≤ 5.5 V
2.7 V
≤ VDD < 4.0 V
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Cycle time
TCY
Operating with
0.238
16
µs
(Min. instruction
main system clock
0.4
16
µs
execution time)
1.6
16
µs
Operating with subsystem clock
103.9Note 1
122
125
µs
TI00, TI01 input
tTIH0, tTIL0
4.0 V
≤ VDD ≤ 5.5 V
2/fsam+0.1Note 2
µs
high-/low-level
2.7 V
≤ VDD < 4.0 V
2/fsam+0.2Note 2
µs
width
1.8 V
≤ VDD < 2.7 V
2/fsam+0.5Note 2
µs
TI50, TI51 input
fTI5
2.7 V
≤ VDD ≤ 5.5 V
0
4
MHz
frequency
1.8 V
≤ VDD < 2.7 V
0
275
kHz
TI50, TI51 input
tTIH5, tTIL5
2.7 V
≤ VDD ≤ 5.5 V
100
ns
high-/low-level
1.8 V
≤ VDD < 2.7 V
1.8
ns
width
Interrupt request
tINTH, tINTL
INTP0 to INTP3,
2.7 V
≤ VDD ≤ 5.5 V
1
µs
input high-/low-
P40 to P47
1.8 V
≤ VDD < 2.7 V
2
µs
level width
RESET
tRSL
2.7 V
≤ VDD ≤ 5.5 V
10
µs
low-level width
1.8 V
≤ VDD < 2.7 V
20
µs
Notes 1. Value when the external clock is used. When a crystal resonator is used, it is 114
µs (MIN.).
2. Selection of fsam = fX, fX/4, fX/64 is possible using bits 0 and 1 (PRM00, PRM01) of prescaler mode register
0 (PRM0). However, if the TI00 valid edge is selected as the count clock, the value becomes fsam = fX/8.
1.8 V
≤ VDD < 2.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com