Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 71 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 71 Page - NEC

Back Button UPD78044F Datasheet HTML 67Page - NEC UPD78044F Datasheet HTML 68Page - NEC UPD78044F Datasheet HTML 69Page - NEC UPD78044F Datasheet HTML 70Page - NEC UPD78044F Datasheet HTML 71Page - NEC UPD78044F Datasheet HTML 72Page - NEC UPD78044F Datasheet HTML 73Page - NEC UPD78044F Datasheet HTML 74Page - NEC UPD78044F Datasheet HTML 75Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
µPD78F0034B, 78F0034BY, 78F0034B(A), 78F0034BY(A)
71
Data Sheet U16369EJ1V0DS
M
48
32
33
64
1
17
16
49
S
N
S
J
detail of lead end
R
K
M
I
S
L
T
P
Q
G
F
H
64-PIN PLASTIC LQFP (10x10)
ITEM
MILLIMETERS
A
B
D
G
12.0
±0.2
10.0
±0.2
1.25
12.0
±0.2
H0.22
±0.05
C
10.0
±0.2
F1.25
I
J
K
0.08
0.5 (T.P.)
1.0
±0.2
L0.5
P1.4
Q0.1
±0.05
T0.25
S1.5
±0.10
U0.6
±0.15
S64GB-50-8EU-2
R3
°+4°
−3°
N0.08
M0.17+0.03
−0.07
A
B
CD
U
NOTE
Each lead centerline is located within 0.08 mm of
its true position (T.P.) at maximum material condition.
Remark
The package and material of ES products are the same as mass produced products.
10. PACKAGE DRAWINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com