Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 1 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 1 Page - NEC

  UPD78044F Datasheet HTML 1Page - NEC UPD78044F Datasheet HTML 2Page - NEC UPD78044F Datasheet HTML 3Page - NEC UPD78044F Datasheet HTML 4Page - NEC UPD78044F Datasheet HTML 5Page - NEC UPD78044F Datasheet HTML 6Page - NEC UPD78044F Datasheet HTML 7Page - NEC UPD78044F Datasheet HTML 8Page - NEC UPD78044F Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
DATA SHEET
©
MOS INTEGRATED CIRCUIT
8-BIT SINGLE-CHIP MICROCONTROLLERS
µPD78F0034B, 78F0034BY, 78F0034B(A), 78F0034BY(A)
DESCRIPTION
The
µPD78F0034B is a member of the µPD780034A Subseries in the 78K/0 Series, and is equivalent to the
µPD780034A (expanded-specification product) but with flash memory in place of internal ROM.
The
µPD78F0034BY is a member of the µPD780034AY Subseries, featuring flash memory in place of the internal
ROM of the
µPD780034AY.
The
µPD78F0034B(A) and 78F0034BY(A) are products to which a quality assurance program more stringent than
that used for the
µPD78F0034B and 78F0034BY (standard models) is applied (NEC Electronics classifies these
products as "special" quality grade models).
The
µPD78F0034B, 78F0034BY, 78F0034B(A), and 78F0034BY(A) incorporate flash memory, which can be
programmed and erased while mounted on the board.
Detailed function descriptions are provided in the following user’s manuals. Be sure to read them before
designing.
µPD780024A, 780034A, 780024AY, 780034AY Subseries User’s Manual: U14046E
78K/0 Series Instruction User’s Manual: U12326E
FEATURES
•
Pin-compatible with mask ROM versions (except VPP pin)
•
Flash memory:
32 KBNote
•
Internal high-speed RAM: 1,024 bytesNote
•
Supply voltage:
VDD = 1.8 to 5.5 V
Note
The flash memory and internal high-speed RAM capacities can be changed with the memory size switching
register (IMS).
Remark
For the differences between the flash memory and the mask ROM versions, refer to 4. DIFFERENCES
BETWEEN
µPD78F0034B, 78F0034BY, AND MASK ROM VERSIONS.
Document No. U16369EJ1V0DS00 (1st edition)
Date Published January 2003 N CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.


Similar Part No. - UPD78044F

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78044F NEC-UPD78044F Datasheet
4Mb / 472P
8-bit Single-Chip Microcontroller
UPD78044F NEC-UPD78044F Datasheet
552Kb / 58P
8-BIT SINGLE-CHIP MICROCOMPUTER
UPD78044F NEC-UPD78044F Datasheet
565Kb / 66P
8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78044F NEC-UPD78044F Datasheet
1Mb / 26P
8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78044F NEC-UPD78044F Datasheet
345Kb / 52P
8-BIT SINGLE-CHIP MICROCONTROLLER
More results

Similar Description - UPD78044F

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
8-Bit Single-Chip Microcontrollers
UPD780204 NEC-UPD780204 Datasheet
2Mb / 418P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
8-Bit Single-Chip Microcontrollers
PD78F9210CS RENESAS-PD78F9210CS_15 Datasheet
356Kb / 30P
8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com