Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2764YBHT Datasheet(PDF) 4 Page - Texas Instruments

Part # TAS2764YBHT
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764YBHT Datasheet(HTML) 4 Page - Texas Instruments

  TAS2764YBHT Datasheet HTML 1Page - Texas Instruments TAS2764YBHT Datasheet HTML 2Page - Texas Instruments TAS2764YBHT Datasheet HTML 3Page - Texas Instruments TAS2764YBHT Datasheet HTML 4Page - Texas Instruments TAS2764YBHT Datasheet HTML 5Page - Texas Instruments TAS2764YBHT Datasheet HTML 6Page - Texas Instruments TAS2764YBHT Datasheet HTML 7Page - Texas Instruments TAS2764YBHT Datasheet HTML 8Page - Texas Instruments TAS2764YBHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 107 page
background image
Table 5-1. Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
OUT_P
B3
O
Class-D positive output.
A3
PGND
B4
P
Class-D ground. Connect to PCB ground plane.
A4
SBCLK
E1
I
TDM Serial Bit Clock.
SCL
F2
I
I2C Clock Pin. Pull up to IOVDD with a resistor.
SDA
F1
IO
I2C Data Pin. Pull up to IOVDD with a resistor.
SDIN
E2
I
TDM Serial Data Input.
SDOUT
D1
IO
TDM Serial Data Output.
SDZ
F4
I
Active low hardware shutdown.
PVDD
C4
P
Class-D power supply input. Decouple with a capacitor.
C5
PVDD_SNS
C3
I
PVDD remote sense pin.
VBAT1S
D5
P
Single-cell battery supply input. Decouple with a capacitor.
VSNS_N
A1
I
Voltage Sense negative input. Connect to Class-D negative output after ferrite bead filter.
VSNS_P
B1
I
Voltage Sense positive input. Connect to Class-D positive output after ferrite bead filter.
TAS2764
SLOS998 – DECEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com