Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2764YBHT Datasheet(PDF) 53 Page - Texas Instruments

Part # TAS2764YBHT
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764YBHT Datasheet(HTML) 53 Page - Texas Instruments

Back Button TAS2764YBHT Datasheet HTML 49Page - Texas Instruments TAS2764YBHT Datasheet HTML 50Page - Texas Instruments TAS2764YBHT Datasheet HTML 51Page - Texas Instruments TAS2764YBHT Datasheet HTML 52Page - Texas Instruments TAS2764YBHT Datasheet HTML 53Page - Texas Instruments TAS2764YBHT Datasheet HTML 54Page - Texas Instruments TAS2764YBHT Datasheet HTML 55Page - Texas Instruments TAS2764YBHT Datasheet HTML 56Page - Texas Instruments TAS2764YBHT Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 107 page
background image
Table 8-44. Brownout Prevention 8 Field Descriptions (continued)
Bit
Field
Type
Reset
Description
4-1
BOP_RLS_ST2[3:0]
RW
3h
BOP level 2 release step size.
0h = 0.0625 dB
1h = 0.5 dB
2h = 0.8958 dB
3h = 1.2916 dB
4h = 1.6874 dB
5h = 2.0832 dB
6h = 2.479 dB
7h = 2.8748 dB
8h = 3.2706 dB
9h = 3.6664 dB
Ah =4.0622 dB
Bh = 4.458 dB
Ch = 4.8538 dB
Dh = 5.2496 dB
Eh = 5.6454 dB
Fh = 6dB
0
Reserved
R
0h
Reserved
8.9.43 BOP_CFG9 (page=0x00 address=0x26) [reset=32h]
BOP level 2 release rate and maximum attenuation.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-45. Brownout Prevention 9 Field Descriptions
Bit
Field
Type
Reset
Description
7-5
BOP_RLS_RT2[2:0]
RW
1h
BOP level 2 release rate time.
0h= 5 ms
1h = 10 ms
2h = 25 ms
3h = 50 ms
4h = 100 ms
5h = 250 ms
6h = 500 ms
7h = 1000 ms
4-0
BOP_MAX_ATTN2[4:0]
RW
12h
BOP level 2 maximum attenuation.
00h = 0 dB
01h = -1 dB
02h = -2 dB
..
0Ch = -12 dB
..
1Eh = -30 dB
1Fh = -31 dB
8.9.44 BOP_CFG10 (page=0x00 address=0x27) [reset=46h]
BOP level 2 threshold.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
www.ti.com
TAS2764
SLOS998 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com