Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2764YBHT Datasheet(PDF) 62 Page - Texas Instruments

Part # TAS2764YBHT
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764YBHT Datasheet(HTML) 62 Page - Texas Instruments

Back Button TAS2764YBHT Datasheet HTML 58Page - Texas Instruments TAS2764YBHT Datasheet HTML 59Page - Texas Instruments TAS2764YBHT Datasheet HTML 60Page - Texas Instruments TAS2764YBHT Datasheet HTML 61Page - Texas Instruments TAS2764YBHT Datasheet HTML 62Page - Texas Instruments TAS2764YBHT Datasheet HTML 63Page - Texas Instruments TAS2764YBHT Datasheet HTML 64Page - Texas Instruments TAS2764YBHT Datasheet HTML 65Page - Texas Instruments TAS2764YBHT Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 107 page
background image
Table 8-63. Digital Input Pin Pull Down Field Descriptions (continued)
Bit
Field
Type
Reset
Description
3
DIN_PD[1]
RW
0h
Weak pull down for FSYNC.
0b = Disabled
1b = Enabled
2
DIN_PD[0]
RW
0h
Weak pull down for SBCLK.
0b = Disabled
1b = Enabled
1-0
Reserved
RW
3h
Reserved
8.9.62 IO_DRV0 (page=0x00 address=0x39) [reset=FFh]
Sets drive strength for output buffers.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-64. IO Drive Strength Field Descriptions
Bit
Field
Type
Reset
Description
7-6
SDA_IO_DS[1:0]
RW
3h
SDA Drive Strength
00b = 2 mA
01b = 4 mA
10b = 6 mA
11b = 8 mA
5-4
Reserved
RW
3h
Reserved
3-2
SDOUT_IO_DS[1:0]
RW
3h
SDOUT Drive Strength
00b = 2 mA
01b = 4 mA
10b = 6 mA
11b = 8 mA
1-0
ICC_IO_DS[1:0]
RW
3h
ICC Drive Strength
00b = 2 mA
01b = 4 mA
10b = 6 mA
11b = 8 mA
8.9.63 IO_DRV1 (page=0x00 address=0x3A) [reset=FFh]
Sets drive strength for output buffers.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-65. IO Drive Strength Field Descriptions
Bit
Field
Type
Reset
Description
7-6
SBCLK_IO_DS[1:0]
RW
3h
SBCLK Drive Strength
00b = 2 mA
01b = 4 mA
10b = 6 mA
11b = 8 mA
5-4
Reserved
RW
3h
Reserved
3-2
IRQZ_IO_DS[1:0]
RW
3h
IRQZ Drive Strength
00b = 2 mA
01b = 4 mA
10b = 6 mA
11b = 8 mA
1-0
BYP_EN_IO_DS[1:0]
RW
3h
Bypass Enable Drive Strength
00b = 2 mA
01b = 4 mA
10b = 6 mA
11b = 8 mA
TAS2764
SLOS998 – DECEMBER 2020
www.ti.com
62
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com