Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2764YBHT Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS2764YBHT
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764YBHT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS2764YBHT Datasheet HTML 3Page - Texas Instruments TAS2764YBHT Datasheet HTML 4Page - Texas Instruments TAS2764YBHT Datasheet HTML 5Page - Texas Instruments TAS2764YBHT Datasheet HTML 6Page - Texas Instruments TAS2764YBHT Datasheet HTML 7Page - Texas Instruments TAS2764YBHT Datasheet HTML 8Page - Texas Instruments TAS2764YBHT Datasheet HTML 9Page - Texas Instruments TAS2764YBHT Datasheet HTML 10Page - Texas Instruments TAS2764YBHT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 107 page
background image
TA = 25 °C, PVDD = 12 V, VBAT1S = 3.8 V, AVDD = 1.8V IOVDD =1.2 V, RL = 4Ω + 16µH, fin = 1 kHz, fs = 48 kHz, Gain = 21
dBV, SDZ = 1, EDGE_RATE[1:0]=00, NG_EN=0, EN_LLSR=1, PWR_MODE1, Measured filter free as in Section 7 (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
System Efficiency
POUT = 1 W
81
%
RL = 8 Ω + 16 µH, POUT = 1 W
84
RL = 8 Ω + 5µH, POUT = 1 W PWR_MODE2
76.5
RL = 8 Ω + 16µH, POUT = 1 W PWR_MODE2
82.5
POUT = 10 W
85
RL = 8 Ω + 16 µH, POUT = 5 W
90
RL = 8 Ω + 5 µH, POUT = 8 W, PWR_MODE2
90
THD+N
Total Harmonic Distortion and Noise
POUT = 1 W, fin = 1 kHz
-83
dB
POUT = 1 W, fin = 6.67 kHz
-83
POUT = 1 W, RL = 8 Ω + 5µH, fin = 20 Hz - 20 kHz,
PWR_MODE2
-83
IMD
Intermodulation Distortion
ITU-R, 19kHz/20kHz, 1:1, POUT = 6.5W, RL = 8 Ω + 16µH
-90
dB
VN
Idle Channel Noise
A-Weighted, 20 Hz - 20 kHz, DAC in Mute, PWR_MODE1
27
µV
A-Weghted, 20 Hz - 20k Hz, DAC in Mute, PWR_MODE2
27
A-Weighted, 20 Hz - 20 kHz, DAC in Mute, PWR_MODE4
32.7
FPWM
Class-D PWM Switching Frequency
Average frequency in Spread Spectrum Mode,
CLASSD_SYNC=0
384
kHz
Fixed Frequency Mode, CLASSD_SYNC=0
345.6
384
422.4
Fixed Frequency Mode, CLASSD_SYNC=1, fs = 44.1, 88.2
kHz
352.8
Fixed Frequency Mode, CLASSD_SYNC=1, fs = 48, 96 kHz
384
VOS
Output Offset Voltage
Idle Mode
-1
1
mV
DNR
Dynamic Range
A-Weighted, -60 dBFS
110
dB
A-Weighted, -60 dBFS, PWR_MODE2
110
SNR
Signal to Noise Ratio
A-Weighted, Referenced to 1 % THD+N Output Level
110
dB
A-Weighted, Referenced to 1 % THD+N Output Level
PWR_MODE2
110
KCP
Click and Pop Performance
Into and out of Shutdown, A-weighted
1.1
2.7
mV
Full Scale Output Voltage
fs <= 48kHz
21
dBV
Minimum Programmable Gain
fs <= 48kHz
11
dBV
Maximum Programmable Gain
fs <= 48kHz
21
dBV
Programmable Output Level Step
Size
0.5
dB
Mute attenuation
Device in Software Shutdown or Muted in Normal Operation
110
dB
Chip to Chip Group Delay
-1
1
µs
EMI Margin to EN55022B
6" cable, Pout = 1W
-6
dB
PVDD Power Supply Rejection Ratio
PVDD = 12 V + 200 mVpp, fripple = 217 Hz
100
dB
PVDD = 12 V + 200 mVpp, fripple = 1 kHz
90
PVDD = 12 V + 200 mVpp, fripple = 20 kHz
85
VBAT1S Power Supply Rejection
Ratio
VBAT1S = 3.8 V + 200 mVpp, fripple = 217 Hz
100
dB
VBAT1S = 3.8 V + 200 mVpp, fripple = 1 kHz
90
VBAT1S = 3.8 V + 200 mVpp, fripple = 20 kHz
85
AVDD Power Supply Rejection Ratio
AVDD = 1.8 V + 200 mVpp, fripple = 217 Hz
97
dB
AVDD = 1.8 V + 200 mVpp, fripple = 1 kHz
90
AVDD = 1.8 V + 200 mVpp, fripple = 20 kHz
85
Power Supply Intermodulation
PVDD 217 Hz, 100-mVpp, Input f=1kHz @ 400mW
-70
dB
VBAT1S 217 Hz, 100-mVpp, Input f=1kHz @ 400mW
-70
AVDD, 217 Hz, 100-mVpp, Input f=1kHz @ 400mW
-70
IOVDD 217 Hz, 100-mVpp, Input f=1kHz @ 400mW
-70
www.ti.com
TAS2764
SLOS998 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com