Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2764YBHT Datasheet(PDF) 48 Page - Texas Instruments

Part # TAS2764YBHT
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764YBHT Datasheet(HTML) 48 Page - Texas Instruments

Back Button TAS2764YBHT Datasheet HTML 44Page - Texas Instruments TAS2764YBHT Datasheet HTML 45Page - Texas Instruments TAS2764YBHT Datasheet HTML 46Page - Texas Instruments TAS2764YBHT Datasheet HTML 47Page - Texas Instruments TAS2764YBHT Datasheet HTML 48Page - Texas Instruments TAS2764YBHT Datasheet HTML 49Page - Texas Instruments TAS2764YBHT Datasheet HTML 50Page - Texas Instruments TAS2764YBHT Datasheet HTML 51Page - Texas Instruments TAS2764YBHT Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 107 page
background image
Table 8-35. Limiter Configuration 1 Field Descriptions (continued)
Bit
Field
Type
Reset
Description
6-3
LIM_RLS_RT[3:0]
RW
6h
00h = Reserved
01h = 4 ms/dB
02h = 8 ms/dB
03h = 16 ms/dB
04h = 32 ms/dB
05h = 64 ms/dB
06h = 128 ms/dB
07h = 256 ms/dB
08h = 512 ms/dB
09h = 1024 ms/dB
10h = 2048 ms/dB
11h = 4096 ms/dB
12h = 8192 ms/dB
Others : reserved
2-0
LIM_HLD_TM[2:0]
RW
2h
VBAT1S Limiter hold time.
000b = 0 ms
001b = 10 ms
010b = 25 ms
011b = 50 ms
100b = 100 ms
101b = 250 ms
110b = 500 ms
111b = 1000 ms
8.9.34 BOP_CFG0 (page=0x00 address=0x1D) [reset=40h]
Sets limiter maximum headroom, BOP shut-down mode and enable.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-36. Brownout Prevention 0 Field Descriptions
Bit
Field
Type
Reset
Description
7-3
LIM_DHR[4:0]
RW
8h
Limiter Maximum Headroom as % of PVDD
00h = -20%
01h = -17.5%
02h = -15%
..
0Fh = 17.5%
10h = 20%
Others = Reserved
2
Reserved
R
0h
Reserved
1
BOP_SHDN
RW
0h
When BOP level 0 is reached device
0b = attenuates based on level 0 setttings
1b = mutes followed by device shutdown
0
BOP_EN
RW
0h
Brown out prevention is
0b = Disabled
1b = Enabled
8.9.35 BOP_CFG1 (page=0x00 address=0x1E) [reset=32h]
BOP hold clear and device maximum attenuation.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-37. Brownout Prevention 1 Field Descriptions
Bit
Field
Type
Reset
Description
7
BOP_HLD_CLR
RW
0h
BOP infinite hold clear (self clearing).
0b = Don't clear
1b = Clear
TAS2764
SLOS998 – DECEMBER 2020
www.ti.com
48
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com