Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2764YBHT Datasheet(PDF) 67 Page - Texas Instruments

Part # TAS2764YBHT
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764YBHT Datasheet(HTML) 67 Page - Texas Instruments

Back Button TAS2764YBHT Datasheet HTML 63Page - Texas Instruments TAS2764YBHT Datasheet HTML 64Page - Texas Instruments TAS2764YBHT Datasheet HTML 65Page - Texas Instruments TAS2764YBHT Datasheet HTML 66Page - Texas Instruments TAS2764YBHT Datasheet HTML 67Page - Texas Instruments TAS2764YBHT Datasheet HTML 68Page - Texas Instruments TAS2764YBHT Datasheet HTML 69Page - Texas Instruments TAS2764YBHT Datasheet HTML 70Page - Texas Instruments TAS2764YBHT Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 107 page
background image
Table 8-74. Live Interrupt Readback 2 Field Descriptions (continued)
Bit
Field
Type
Reset
Description
1
IL_LDO_OL
R
0h
VBAT1S Internal LDO Over Load
0b = No Interrupt
1b = Interrupt - Device in shutdown
0
IL_PUVLO
R
0h
PVDD UVLO
0b = No Interrupt
1b = Interrupt - Device in shutdown
8.9.73 INT_LIVE3 (page=0x00 address=0x48) [reset=00h]
Live interrupt read-back.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-75. Live Interrupt Readback 3 Field Descriptions
Bit
Field
Type
Reset
Description
7
IL_TDTH2
R
0h
Thermal Detection Threshold 2 active flag
0b = No interrupt
1b = Interrupt
6
IL_TDTH1
R
0h
Thermal Detection Threshold 1 active flag
0b = No interrupt
1b = Interrupt
5
IL_PVBT
R
0h
PVDD -VBAT1S going below the threshold flag
0b = No interrupt
1b = Interrupt
4
IL_BOPA
R
0h
BOP active flag
0b = No interrupt
1b = Interrupt
3
IL_BOPL3A
R
0h
BOP level 3 detected flag
0b = No interrupt
1b = Interrupt
2
IL_BOPL2A
R
0h
BOP level 2 detected flag
0b = No interrupt
1b = Interrupt
1
IL_BOPL1A
R
0h
BOP level 1 detected flag
0b = No interrupt
1b = Interrupt
0
IL_BOPL0A
R
0h
BOP level 0 detected flag
0b = No interrupt
1b = Interrupt
8.9.74 INT_LTCH0 (page=0x00 address=0x49) [reset=00h]
Latched interrupt read-back.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-76. Latched Interrupt Readback 0 Field Descriptions
Bit
Field
Type
Reset
Description
7
IR_BOPM
R
0h
Interrupt due to bop mute.
0b = No interrupt
1b = Interrupt
6
IR_BOPIH
R
0h
Interrupt due to BOP infinite hold.
0b = No interrupt
1b = Interrupt
5
IR_LIMMA
R
0h
Interrupt due to limiter max attenuation.
0b = No interrupt
1b = Interrupt
www.ti.com
TAS2764
SLOS998 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com