Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # RA4M1
Description  High efficiency 48-MHz Arm Cortex-M4 core, 256-KB code flash memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 29Page - Renesas Technology Corp RA4M1 Datasheet HTML 30Page - Renesas Technology Corp RA4M1 Datasheet HTML 31Page - Renesas Technology Corp RA4M1 Datasheet HTML 32Page - Renesas Technology Corp RA4M1 Datasheet HTML 33Page - Renesas Technology Corp RA4M1 Datasheet HTML 34Page - Renesas Technology Corp RA4M1 Datasheet HTML 35Page - Renesas Technology Corp RA4M1 Datasheet HTML 36Page - Renesas Technology Corp RA4M1 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 130 page
background image
R01DS0355EJ0100 Rev.1.00
Page 33 of 130
Oct 8, 2019
RA4M1 Group
2. Electrical Characteristics
Caution:
To protect the reliability of the MCU, the output current values should not exceed the values in this table. The
average output current indicates the average value of current measured during 100 μs.
Note 1.
This is the value when low driving ability is selected with the Port Drive Capability bit in PmnPFS register.
Note 2.
This is the value when middle driving ability is selected with the Port Drive Capability bit in PmnPFS register.
Note 3.
Except for ports P200, P214, P215, which are input ports.
Note 4.
This is the value when middle driving ability for IIC Fast-mode is selected with the Port Drive Capability bit in PmnPFS register.
Note 5.
For details on the permissible output current used with CTSU, see section 2.11, CTSU Characteristics.
Permissible output current
(Max value per pin)
Ports P212, P213
-
IOH
---4.0
mA
IOL
--4.0
mA
Port P408
Low drive*1
IOH
---4.0
mA
IOL
--4.0
mA
Middle drive for IIC
Fast-mode*4
VCC = 2.7 to 5.5 V
IOH
---8.0
mA
IOL
--8.0
mA
Middle drive*2
VCC = 3.0 to 5.5 V
IOH
---20.0
mA
IOL
--20.0
mA
Port P409
Low drive
*1
IOH
---4.0
mA
IOL
--4.0
mA
Middle drive
*2
VCC = 2.7 to 3.0 V
IOH
---8.0
mA
IOL
--8.0
mA
Middle drive
*2
VCC = 3.0 to 5.5 V
IOH
---20.0
mA
IOL
--20.0
mA
Ports P100 to P115,
P201 to P204, P300 to P307,
P500 to P503, P600 to P603,
P608 to P610, P808, P809
(total 41 pins)
Low drive*1
IOH
---4.0
mA
IOL
--4.0
mA
Middle drive*2
IOH
---4.0
mA
IOL
--8.0
mA
Ports P914, P915
-
IOH
---4.0
mA
IOL
--4.0
mA
Other output pin
*3
Low drive*1
IOH
---4.0
mA
IOL
--4.0
mA
Middle drive*2
IOH
---8.0
mA
IOL
--8.0
mA
Permissible output current
(max value total pins)
Total of ports P000 to P008, P010 to P015
Σ
IOH (max)
---30
mA
Σ
IOL (max)
--30
mA
Ports P914, P915
Σ
IOH (max)
---2.0
mA
Σ
IOL (min)
--2.0
mA
Total of all output pin
*5
Σ
IOH (max)
---60
mA
Σ
IOL (max)
--60
mA
Table 2.6
I/O IOH, IOL (2 of 2)
Conditions: VCC = AVCC0 = VCC_USB = VCC_USB_LCO = 1.6 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com