Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # RA4M1
Description  High efficiency 48-MHz Arm Cortex-M4 core, 256-KB code flash memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 57Page - Renesas Technology Corp RA4M1 Datasheet HTML 58Page - Renesas Technology Corp RA4M1 Datasheet HTML 59Page - Renesas Technology Corp RA4M1 Datasheet HTML 60Page - Renesas Technology Corp RA4M1 Datasheet HTML 61Page - Renesas Technology Corp RA4M1 Datasheet HTML 62Page - Renesas Technology Corp RA4M1 Datasheet HTML 63Page - Renesas Technology Corp RA4M1 Datasheet HTML 64Page - Renesas Technology Corp RA4M1 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 130 page
background image
R01DS0355EJ0100 Rev.1.00
Page 61 of 130
Oct 8, 2019
RA4M1 Group
2. Electrical Characteristics
2.3.3
Reset Timing
Note 1.
When OFS1.LVDAS = 0.
Note 2.
When OFS1.LVDAS = 1.
Figure 2.32
Reset input timing at power-on
Figure 2.33
Reset input timing
Table 2.23
Reset timing
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
RES pulse width
At power-on
tRESWP
3
-
-
ms
Figure 2.32
Other than above
tRESW
30
-
-μs
Figure 2.33
Wait time after RES cancellation
(at power-on)
LVD0: enable*1
tRESWT
-
0.7
-ms
Figure 2.32
LVD0: disable*2
-
0.3
-
Wait time after RES cancellation
(during powered-on state)
LVD0: enable*1
tRESWT2
-
0.5
-ms
Figure 2.33
LVD0: disable*2
-
0.05
-
Internal reset cancellation time (Watchdog
timer reset, SRAM parity error reset,
SRAM ECC error reset, Bus master MPU
error reset, Bus slave MPU error reset,
Stack pointer error reset, Software reset)
LVD0: enable*1
tRESWT3
-
0.6
-ms
-
LVD0: disable*2
-
0.15
-
VCC
RES
tRESWP
Internal reset
tRESWT
RES
Internal reset
tRESWT2
tRESW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com