Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # RA4M1
Description  High efficiency 48-MHz Arm Cortex-M4 core, 256-KB code flash memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 40Page - Renesas Technology Corp RA4M1 Datasheet HTML 41Page - Renesas Technology Corp RA4M1 Datasheet HTML 42Page - Renesas Technology Corp RA4M1 Datasheet HTML 43Page - Renesas Technology Corp RA4M1 Datasheet HTML 44Page - Renesas Technology Corp RA4M1 Datasheet HTML 45Page - Renesas Technology Corp RA4M1 Datasheet HTML 46Page - Renesas Technology Corp RA4M1 Datasheet HTML 47Page - Renesas Technology Corp RA4M1 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 130 page
background image
R01DS0355EJ0100 Rev.1.00
Page 44 of 130
Oct 8, 2019
RA4M1 Group
2. Electrical Characteristics
2.2.9
Operating and Standby Current
Table 2.11
Operating and standby current (1) (1 of 2)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
Typ*10
Max
Unit
Test
conditions
Supply
current
*1
High-speed
mode
*2
Normal mode
All peripheral clock
disabled, while (1) code
executing from flash
*5
ICLK = 48 MHz
ICC
8.3
-
mA
*7
ICLK = 32 MHz
5.8
-
ICLK = 16 MHz
3.5
-
ICLK = 8 MHz
2.2
-
All peripheral clock
disabled, CoreMark code
executing from flash
*5
ICLK = 48 MHz
16.4
-
ICLK = 32 MHz
11.3
-
ICLK = 16 MHz
6.4
-
ICLK = 8 MHz
4.0
-
All peripheral clock
enabled, while (1) code
executing from flash
*5
ICLK = 48 MHz
18.5
-
*9
ICLK = 32 MHz
13.8
-
*8
ICLK = 16 MHz
7.7
-
ICLK = 8 MHz
4.5
-
All peripheral clock
enabled, code executing
from SRAM
*5
ICLK = 48 MHz
-
50.0
*9
Sleep mode
All peripheral clock
disabled
*5
ICLK = 48 MHz
3.3
-
*7
ICLK = 32 MHz
2.4
-
ICLK = 16 MHz
1.8
-
ICLK = 8 MHz
1.4
-
All peripheral clock
enabled
*5
ICLK = 48 MHz
13.4
-
*9
ICLK = 32 MHz
10.4
-
*8
ICLK = 16 MHz
6.0
-
ICLK = 8 MHz
3.6
-
Increase during BGO operation
*6
2.5
-
-
Middle-speed
mode
*2
Normal mode
All peripheral clock
disabled, while (1) code
executing from flash
*5
ICLK = 12 MHz
ICC
2.5
-
mA
*7
ICLK = 8 MHz
2.0
-
ICLK = 1 MHz
0.9
-
All peripheral clock
disabled, CoreMark code
executing from flash
*5
ICLK = 12 MHz
4.7
-
ICLK = 8 MHz
3.7
-
ICLK = 1 MHz
1.2
-
All peripheral clock
enabled, while (1) code
executing from flash
*5
ICLK = 12 MHz
5.7
-
*8
ICLK = 8 MHz
4.3
-
ICLK = 1 MHz
1.5
-
All peripheral clock
enabled, code executing
from SRAM
*5
ICLK = 12 MHz
-
20.0
Sleep mode
All peripheral clock
disabled
*5
ICLK = 12 MHz
1.2
-
*7
ICLK = 8 MHz
1.2
-
ICLK = 1 MHz
0.8
-
All peripheral clock
enabled
*5
ICLK = 12 MHz
4.4
-
*8
ICLK = 8 MHz
3.4
-
ICLK = 1 MHz
1.4
-
Increase during BGO operation
*6
2.5
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com