Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # RA4M1
Description  High efficiency 48-MHz Arm Cortex-M4 core, 256-KB code flash memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 30Page - Renesas Technology Corp RA4M1 Datasheet HTML 31Page - Renesas Technology Corp RA4M1 Datasheet HTML 32Page - Renesas Technology Corp RA4M1 Datasheet HTML 33Page - Renesas Technology Corp RA4M1 Datasheet HTML 34Page - Renesas Technology Corp RA4M1 Datasheet HTML 35Page - Renesas Technology Corp RA4M1 Datasheet HTML 36Page - Renesas Technology Corp RA4M1 Datasheet HTML 37Page - Renesas Technology Corp RA4M1 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 130 page
background image
R01DS0355EJ0100 Rev.1.00
Page 34 of 130
Oct 8, 2019
RA4M1 Group
2. Electrical Characteristics
2.2.4
I/O VOH, VOL, and Other Characteristics
Note 1.
P100, P101, P204, P205, P206, P400, P401, P407, P408 (total 9 pins).
Note 2.
This is the value when middle driving ability is selected with the Port Drive Capability bit in PmnPFS register.
Note 3.
Based on characterization data, not tested in production.
Note 4.
Except for ports P200, P214, P215, which are input ports.
Note 5.
This is the value when middle driving ability for IIC is selected in the Port Drive Capability bit in PmnPFS register for P408.
Note 6.
Except for P212, P213.
Note 1.
P100, P101, P204, P205, P206, P400, P401, P407, P408 (total 9 pins).
Note 2.
This is the value when middle driving ability is selected with the Port Drive Capability bit in PmnPFS register.
Note 3.
Based on characterization data, not tested in production.
Note 4.
Except for ports P200, P214, P215, which are input ports.
Note 5.
This is the value when middle driving ability for IIC is selected in the Port Drive Capability bit in PmnPFS register for P408.
Note 6.
Except for P212, P213.
Table 2.7
I/O VOH, VOL (1)
Conditions: VCC = AVCC0 = VCC_USB = VCC_USB_LCO = 4.0 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Output voltage
IIC*1
VOL
--
0.4
V
IOL = 3.0 mA
VOL*2,*5
--
0.6
IOL = 6.0 mA
Ports P408, P409*2, *3
VOH
VCC - 1.0
-
-
IOH = -20 mA
VOL
--
1.0
IOL = 20 mA
Ports P000 to P008,
P010 to P015
Low drive
VOH
AVCC0 - 0.8
-
-
IOH = -2.0 mA
VOL
--
0.8
IOL = 2.0 mA
Middle drive
VOH
AVCC0 - 0.8
-
-
IOH = -4.0 mA
VOL
--
0.8
IOL = 4.0 mA
Ports P914, P915
VOH
VCC_USB - 0.8
-
-
IOH = -2.0 mA
VOL
--
0.8
IOL = 2.0 mA
Other output pins*4
Low drive
VOH
VCC - 0.8
-
-
IOH = -2.0 mA
VOL
--
0.8
IOL = 2.0 mA
Middle
drive*6
VOH
VCC - 0.8
-
-
IOH = -4.0 mA
VOL
--
0.8
IOL = 4.0 mA
Table 2.8
I/O VOH, VOL (2)
Conditions: VCC = AVCC0 = VCC_USB = VCC_USB_LCO = 2.7 to 4.0 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Output voltage
IIC*1
VOL
--
0.4
V
IOL = 3.0 mA
VOL*2,*5
--
0.6
IOL = 6.0 mA
Ports P408, P409*2, *3
VOH
VCC - 1.0
-
-
IOH = -20 mA
VCC = 3.3 V
VOL
--
1.0
IOL = 20 mA
VCC = 3.3 V
Ports P000 to P008,
P010 to P015
Low drive
VOH
AVCC0 - 0.5
-
-
IOH = -1.0 mA
VOL
--
0.5
IOL = 1.0 mA
Middle drive
VOH
AVCC0 - 0.5
-
-
IOH = -2.0 mA
VOL
--
0.5
IOL = 2.0 mA
Ports P914, P915
VOH
VCC_USB - 0.5
-
-
IOH = -1.0 mA
VOL
--
0.5
IOL = 1.0 mA
Other output pins*4
Low drive
VOH
VCC - 0.5
-
-
IOH = -1.0 mA
VOL
--
0.5
IOL = 1.0 mA
Middle
drive*6
VOH
VCC - 0.5
-
-
IOH = -2.0 mA
VOL
--
0.5
IOL = 2.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com