| Electronic Components Datasheet Search |
|
RA4M1 Datasheet(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4M1 Datasheet(HTML) 13 Page - Renesas Technology Corp |
|
13 / 130 page ![]() R01DS0355EJ0100 Rev.1.00 Page 13 of 130 Oct 8, 2019 RA4M1 Group 1. Overview AGT AGTEE0, AGTEE1 Input External event input enable signals AGTIO0, AGTIO1 I/O External event input and pulse output pins AGTO0, AGTO1 Output Pulse output pins AGTOA0, AGTOA1 Output Output compare match A output pins AGTOB0, AGTOB1 Output Output compare match B output pins RTC RTCOUT Output Output pin for 1-Hz/64-Hz clock RTCIC0 to RTCIC2 Input Time capture event input pins SCI SCK0 to SCK2, SCK9 I/O Clock (clock synchronous mode) input/output pins RXD0 to RXD2, RXD9 Input Received data (asynchronous mode/clock synchronous mode) input pins TXD0 to TXD2, TXD9 Output Transmitted data (asynchronous mode/clock synchronous mode) output pins CTS0_RTS0 to CTS2_RTS2, CTS9_RTS9 I/O Input/output pins for controlling the start of transmission and reception (asynchronous mode/clock synchronous mode), active-low SCL0 to SCL2, SCL9 I/O I2C clock (simple IIC) input/output pins SDA0 to SDA2, SDA9 I/O I2C data (simple IIC) input/output pins SCK0 to SCK2, SCK9 I/O Clock (simple SPI) input/output pins MISO0 to MISO2, MISO9 I/O Slave transmission of data (simple SPI) input/output pins MOSI0 to MOSI2, MOSI9 I/O Master transmission of data (simple SPI) input/output pins SS0 to SS2, SS9 Input Slave-select input pins (simple SPI), active-low IIC SCL0, SCL1 I/O Clock input/output pins SDA0, SDA1 I/O Data input/output pins SSIE SSIBCK0 I/O SSIE serial bit clock pin SSILRCK0/SSIFS0 I/O Word select pins SSITXD0 Output Serial data output pin SSIRXD0 Input Serial data input pin AUDIO_CLK Input External clock pin for audio (input oversampling clock) SPI RSPCKA, RSPCKB I/O Clock input/output pin MOSIA, MOSIB I/O Input/output pins for data output from the master MISOA, MISOB I/O Input/output pins for data output from the slave SSLA0, SSLB0 I/O Input/output pins for slave selection SSLA1, SSLA2, SSLA3, SSLB1, SSLB2, SSLB3 Output Output pins for slave selection CAN CRX0 Input Receive data CTX0 Output Transmit data Table 1.14 Pin functions (2 of 4) Function Signal I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |