Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # RA4M1
Description  High efficiency 48-MHz Arm Cortex-M4 core, 256-KB code flash memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 7Page - Renesas Technology Corp RA4M1 Datasheet HTML 8Page - Renesas Technology Corp RA4M1 Datasheet HTML 9Page - Renesas Technology Corp RA4M1 Datasheet HTML 10Page - Renesas Technology Corp RA4M1 Datasheet HTML 11Page - Renesas Technology Corp RA4M1 Datasheet HTML 12Page - Renesas Technology Corp RA4M1 Datasheet HTML 13Page - Renesas Technology Corp RA4M1 Datasheet HTML 14Page - Renesas Technology Corp RA4M1 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 130 page
background image
R01DS0355EJ0100 Rev.1.00
Page 11 of 130
Oct 8, 2019
RA4M1 Group
1. Overview
1.4
Function Comparison
Table 1.13
Function comparison
Part numbers
R7FA4M1AB3CFP
R7FA4M1AB2CLJ
R7FA4M1AB3CFM/
R7FA4M1AB3CNB
R7FA4M1AB3CFL/
R7FA4M1AB3CNE
R7FA4M1AB3CNF
Pin count
100
100
64
48
40
Package
LQFP
LGA
LQFP/QFN
LQFP/QFN
QFN
Code flash memory
256 KB
Data flash memory
8 KB
SRAM
32 KB
Parity
16 KB
ECC
16 KB
System
CPU clock
48 MHz
Backup
registers
512 bytes
ICU
Yes
KINT
85
3
Event control
ELC
Yes
DMA
DTC
Yes
DMAC
4
Bus
External bus
No
Timers
GPT32
2
GPT16
64
2
AGT
2No
RTC
Yes
WDT/IWDT
Yes
Communication
SCI
4
IIC
2
SPI
21
SSIE
1No
QSPI
No
SDHI
No
CAN
1
USBFS
Yes
Analog
ADC14
25
18
14
11
DAC12
1
DAC8
2
ACMPLP
21
OPAMP
44
3
1
No
TSN
Yes
HMI
SLCDC
4 com × 38 seg or 8 com × 34 seg
4 com × 21 seg or
8 com × 17 seg
No
CTSU
27
24
15
10
Data
processing
CRC
Yes
DOC
Yes
Security
SCE5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com